Electronic Components Datasheet Search
  English  ▼

X  

ML4644 Datasheet(PDF) 10 Page - Micro Linear Corporation

Part # ML4644
Description  4 Port AUI Multiplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4644 Datasheet(HTML) 10 Page - Micro Linear Corporation

Back Button ML4644 Datasheet HTML 3Page - Micro Linear Corporation ML4644 Datasheet HTML 4Page - Micro Linear Corporation ML4644 Datasheet HTML 5Page - Micro Linear Corporation ML4644 Datasheet HTML 6Page - Micro Linear Corporation ML4644 Datasheet HTML 7Page - Micro Linear Corporation ML4644 Datasheet HTML 8Page - Micro Linear Corporation ML4644 Datasheet HTML 9Page - Micro Linear Corporation ML4644 Datasheet HTML 10Page - Micro Linear Corporation ML4644 Datasheet HTML 11Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
ML4644
Figure 1. Four Port AUI Multiplexer.
TxOUTP
TxOUTN
360
Ω
360
Ω
RxOUT1P
RxOUT1N
360
Ω
360
Ω
CDOUT1P
CDOUT1N
TxIN2P
TxIN2N
RxOUT2P
RxOUT2N
CDOUT2P
CDOUT2N
TxIN3P
TxIN3N
RxOUT3P
RxOUT3N
CDOUT3P
CDOUT3N
TxIN4P
TxIN4N
RxOUT4P
RxOUT4N
CDOUT4P
CDOUT4N
RTSET
360
Ω
360
Ω
61.9K
.01
0.1
+5V
+5V
RxINP
RxINN
CDINP
CDINN
X1
X2
X3
39
39
TxIN1P
TxIN1N
VCC
VCC
VCC
SQEN1
SQEN2
SQEN4
RESERVED
JAB1
JAB2
JAB3
JAB4
Tx1
Tx2
Tx3
Tx4
COLL
REC
+5V
5pF
5pF
10pF
10MHz
39
39
39
39
+5V
+5V
+5V
+5V
+5V
+5V
+5V
+5V
+5V
SQEN3
510
510
510
510
510
510
510
510
510
270
ML4644
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com