Electronic Components Datasheet Search
  English  ▼

X  

ML4658 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML4658
Description  10BASE-T Transceiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4658 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML4658 Datasheet HTML 1Page - Micro Linear Corporation ML4658 Datasheet HTML 2Page - Micro Linear Corporation ML4658 Datasheet HTML 3Page - Micro Linear Corporation ML4658 Datasheet HTML 4Page - Micro Linear Corporation ML4658 Datasheet HTML 5Page - Micro Linear Corporation ML4658 Datasheet HTML 6Page - Micro Linear Corporation ML4658 Datasheet HTML 7Page - Micro Linear Corporation ML4658 Datasheet HTML 8Page - Micro Linear Corporation ML4658 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ML4658
5
ELECTRICAL CHARACTERISTICS (Continued)
AC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
Transmit
tTXNPW
Transmit Turn-On Pulse Width
20
ns
tTXFPW
Transmit Turn-Off Pulse Width
180
ns
tTXLP
Transmit Loopback Startup Delay
200
ns
tTXODY
Tranmitter Turn-On Delay
200
ns
tTXSDY
Transmit Steady State Prop. Delay
15
100
ns
tTXJ
Transmitter Jitter
±2
±3.5
ns
Receive
tRXODY
Receive Turn-On Delay if Transmit is Idle
420
500
ns
tRXTDY
Receive Turn-On Delay if Tranmit is Active
650
800
ns
tRXFX
Last Bit Received to Start Slow Decay Output
230
800
ns
tRXSDY
Receive Steady State Prop. Delay
15
100
ns
tRXJ
Receiver Jitter
±0.7
±1.5
ns
tAR
Differential Output Rise Time 20% to 80% (Rx±, COL±)
3
ns
tAF
Differential Output Fall Time 20% to 80% (Rx±, COL±)
3
ns
Collision
tCPSQE
Collision Present to SQE Assert
0
900
ns
tTXRX
Time for Loopback to swtich from Tx to RxTP
during a collision
0
900
ns
tSQEXR
Time for SQE to deactivate given that RxTP goes idle and
TxTP continues
0
900
ns
tSQEXT
Time for SQE to deactivate given that TxTP goes idle
and RxTP continues
0
900
ns
tCLF
Collision Frequency
8.5
10
11.5
MHz
tCLPDC
Collision Pulse Duty Cycle
40
50
60
%
tSQEDY
SQE Test Delay (Tx Inactive to SQE)
0.6
1.1
1.6
µs
tSQETD
SQE Test Duration
0.5
1.0
1.5
µs
Jabber, Link Test and LED Timing
tJAD
Jabber Activation Delay
20
70
150
ms
tJRT
Jabber Reset Unjab Time
250
450
750
ms
tJSQE
Delay from Outputs Disabled to Collision Oscillator On
100
ns
tLLT
Link Loss Time
50
95
150
ms
tLTN
Link Test Pulse Receive Minimum Time
2
4.2
7
ms
tLTX
Link Test Pulse Receive Maximum Time
25
70
150
ms
tTLP
Link Test Pulse Repetition Rate
8
16
24
ms
tLTPW
Link Test Pulse Width
85
100
200
ns
tLEDT
XMT, RCV, CLSN On Time
30
100
300
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com