Electronic Components Datasheet Search
  English  ▼

X  

ML4663 Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # ML4663
Description  Single Chip 10BASE-FL Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4663 Datasheet(HTML) 9 Page - Micro Linear Corporation

Back Button ML4663 Datasheet HTML 5Page - Micro Linear Corporation ML4663 Datasheet HTML 6Page - Micro Linear Corporation ML4663 Datasheet HTML 7Page - Micro Linear Corporation ML4663 Datasheet HTML 8Page - Micro Linear Corporation ML4663 Datasheet HTML 9Page - Micro Linear Corporation ML4663 Datasheet HTML 10Page - Micro Linear Corporation ML4663 Datasheet HTML 11Page - Micro Linear Corporation ML4663 Datasheet HTML 12Page - Micro Linear Corporation ML4663 Datasheet HTML 13Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
ML4663
VCCTx
TxOUT
VCC
51
Ω
51
Ω
51
Ω
RTSET = 560
Ω
IOUT = 15.9mA
ECL
Figure 3. Converting Optical LED Driver Output to
Differential ECL.
RECEPTION
The input to the transceiver comes from a fiber optic
receiver (Figure 1). At the start of packet reception no
more than 2.7 bits are received from the fiber cable, and
are not transmitted onto the DI circuit. The receive
squelch will reject frequencies lower than 2.51MHz.
While in the unsquelch state, the receive squelch circuit
looks for the start of idle signal at the end of the packet.
Start of idle occurs when the input signal remains idle for
more than 160ns. When start of idle is detected, the
receive squelch circuit returns to the squelch state and the
start of idle signal is output on the DI circuit (Rx+, Rx–).
COLLISION
Whenever the receiver and the transmitter are active at
the same time the chip will activate the collision output,
except when loopback is disabled (LBDIS = VCC). The
collision output is a differential square wave matching the
AUI specifications and capable of driving a 78
Ω load. The
frequency of the square wave is 10MHz
± 15% with a 60/
40 to 40/60 duty cycle. The collision oscillator also is
activated during SQE Test and Jabber.
LOOPBACK
The loopback function emulates a 10BASE-T transceiver
whereby the transmit data sent by the DTE is looped back
over the AUI receive pair. Some LAN controllers use this
loopback information to determine whether a MAU is
connected by monitoring the carrier sense while
transmitting. The software can use this loopback
information to determine whether a MAU is connected to
the DTE by checking the status of carrier sense after each
packet transmission.
When data is received by the chip while transmitting, a
collision condition exits. This will cause the collision
oscillator to turn on and the data on the DI pair will
follow VIN+, VIN–. After a collision is detected, the
collision oscillator will remain on until either DO or
VIN+, VIN– go idle.
Loopback can be disabled by strapping LBDIS to VCC.
In this mode the chip operates as a full duplex transmitter
and receiver, and collision detection is disabled. A
loopback through the transceiver can be accomplished by
tying the fiber transmitter to the receiver.
SQE TEST FUNCTION (SIGNAL QUALITY ERROR)
The SQE test function allows the DTE to determine
whether the collision detect circuitry is functional. After
each transmission, during the inter packet gap time, the
collision oscillator will be activated for typically 1
µs. The
SQE test will not be activated if the chip is in the low light
state, or the jabber on state.
For SQE to operate, the SQEN pin must be tied to VCC.
This allows the MAU to be interfaced to a DTE. The SQE
test can be disabled by tying the SQEN pin to ground, for
a repeater interface.
JABBER FUNCTION REQUIREMENTS
The Jabber function prevents a babbling transmitter from
bringing down the network. Within the transceiver is a
Jabber timer that starts at the beginning of each
transmission and resets at the end of each transmission. If
the transmission last longer than 20ms the Jabber logic
disables the transmitter and turns on the collision signal
COL+, COL–. When Tx+ and Tx– finally go idle, a second
timer measures 0.5 seconds of idle time before the
transmitter is enabled and collision is turned off. Even
though the transmitter is disabled during Jabber, the 1MHz
idle signal is still transmitted.
LED DRIVERS
The ML4663 has five LED drivers. The LED driver pins are
active low, and the LEDs are normally off (except for
LMON). The LEDs are tied to their respective pins through
a 500
Ω resistor to 5V.
The
XMT, RCV and CLSN pins have pulse stretchers on
them which enables the LEDs to be visible. When
transmission or reception occurs, the LED
XMT, RCV or
CLSN status pins will activate low for several
milliseconds. If another transmit, receive or collision
conditions occurs before the timer expires, the LED timer
will reset and restart the timing. Therefore rapid events
will leave the LEDs continuously on. The
JAB and LMON
LEDs do not have pulse stretchers on them since their
conditions occur long enough for the eye to see.
LOW LIGHT CONDITION
The
LMON LED output is used to indicate a low light
condition.
LMON is activated low when both the receive
power exceeds the Link Monitor threshold and there are
transitions on VIN+, VIN– less than 3µs apart. If either one
of these conditions do not exist,
LMON will go high.
INPUT AMPLIFIER
The VIN+, VIN– input signal is fed into a limiting amplifier
with a gain of about 100 and input resistance of 1.3k
Ω.
Maximum sensitivity is achieved through the use of a DC
restoration feedback loop and AC coupling the input.
When AC coupled, the input DC bias voltage is set by an
on-chip network at about 1.7V. These coupling capacitors,
in conjunction with the input impedance of the amplifier,
establish a high pass filter with 3dB corner frequency, fL,
at
f =
1
2
300C
L
π1
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com