Electronic Components Datasheet Search
  English  ▼

X  

ML4664CQ Datasheet(PDF) 16 Page - Micro Linear Corporation

Part # ML4664CQ
Description  10BASE-FL to 10BASE-T Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4664CQ Datasheet(HTML) 16 Page - Micro Linear Corporation

Back Button ML4664CQ Datasheet HTML 8Page - Micro Linear Corporation ML4664CQ Datasheet HTML 9Page - Micro Linear Corporation ML4664CQ Datasheet HTML 10Page - Micro Linear Corporation ML4664CQ Datasheet HTML 11Page - Micro Linear Corporation ML4664CQ Datasheet HTML 12Page - Micro Linear Corporation ML4664CQ Datasheet HTML 13Page - Micro Linear Corporation ML4664CQ Datasheet HTML 14Page - Micro Linear Corporation ML4664CQ Datasheet HTML 15Page - Micro Linear Corporation ML4664CQ Datasheet HTML 16Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
ML4664/ML4669
ORDERING INFORMATION
PART NUMBER
TEMPERATURE
PACKAGE
ML4664CH (Obsolete)
0°C to 70°C
32–Pin TQFP(H32-7)
ML4664CQ
0°C to 70°C
Molded 28–Pin PLCC (Q28)
ML4664IQ (Obsolete)
–40°C to 85°C
Molded 28–Pin PLCC (Q28)
ML4669CH
0°C to 70°C
32–Pin TQFP(H32-7)
ML4669CQ
0°C to 70°C
Molded 28–Pin PLCC (Q28)
ML4669IQ (Obsolete)
–40°C to 85°C
Molded 28–Pin PLCC (Q28)
8/28/98 Printed in U.S.A.
2092 Concourse Drive
San Jose, CA 95131
Tel: 408/433-5200
Fax: 408/432-0295
www.microlinear.com
© Micro Linear 1998.
is a registered trademark of Micro Linear Corporation. All other trademarks are the property of their respective owners.
Products described herein may be covered by one or more of the following U.S. patents: 4,897,611; 4,964,026; 5,027,116; 5,281,862; 5,283,483;
5,418,502; 5,508,570; 5,510,727; 5,523,940; 5,546,017; 5,559,470; 5,565,761; 5,592,128; 5,594,376; 5,652,479; 5,661,427; 5,663,874; 5,672,959;
5,689,167; 5,714,897; 5,717,798; 5,742,151; 5,747,977; 5,754,012; 5,757,174; 5,767,653; 5,777,514. Japan: 2,598,946; 2,619,299; 2,704,176.
Other patents are pending.
Micro Linear reserves the right to make changes to any product herein to improve reliability, function or design. Micro Linear does not assume any
liability arising out of the application or use of any product described herein, neither does it convey any license under its patent right nor the rights of
others. The circuits contained in this data sheet are offered as possible applications only. Micro Linear makes no warranties or representations as to
whether the illustrated circuits infringe any intellectual property rights of others, and will accept no responsibility or liability for use of any application
herein. The customer is urged to consult with appropriate legal counsel before deciding on a particular application.
DS4664_69-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com