Electronic Components Datasheet Search
  English  ▼

X  

ML4668 Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # ML4668
Description  Low Power Single Chip 10BASE-FL Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4668 Datasheet(HTML) 9 Page - Micro Linear Corporation

Back Button ML4668 Datasheet HTML 5Page - Micro Linear Corporation ML4668 Datasheet HTML 6Page - Micro Linear Corporation ML4668 Datasheet HTML 7Page - Micro Linear Corporation ML4668 Datasheet HTML 8Page - Micro Linear Corporation ML4668 Datasheet HTML 9Page - Micro Linear Corporation ML4668 Datasheet HTML 10Page - Micro Linear Corporation ML4668 Datasheet HTML 11Page - Micro Linear Corporation ML4668 Datasheet HTML 12Page - Micro Linear Corporation ML4668 Datasheet HTML 13Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
ML4668
Since the amplifier has a differential input, two capacitors
of equal value are required. If the signal driving the input
is single ended, one of the coupling capacitors can be tied
to AVCC (Figure 1).
The internal amplifier has a lowpass filter built-in to band
limit the input signal which in turn will improve the signal
to noise ratio.
Although the input is AC coupled, the offset voltage
within
the amplifier will be present at the amplifier’s output. This
is represented by VOS in Figure 4. In order to reduce this
error, a DC feedback loop is incorporated. This negative
feedback loop nulls the offset voltage, forcing VOS to be
zero. Although the capacitor on VDC is non-critical, the
pole it creates can effect the stability of the feedback loop.
To avoid stability problems, the value of this capacitor
should be at least 10 times larger than the input coupling
capacitors.
VOS
VOUT+
VOUT–
Figure 4.
The comparator is a high-speed, differential zero crossing
detector that slices and accurately digitizes the receive
signal. The output of the comparator is fed in parallel into
both the receive squelch circuit and the loopback MUX.
LINK DETECT CIRCUIT AND LOW LIGHT
The link detect circuit monitors the input signal and
determines when the input falls below a preset voltage
level. When the input falls below a preset voltage, the
ML4668 goes into the Low Light state. In the Low Light
state the transmitter is disabled, but continues sending the
1MHz idle signal, the loopback is disabled, the receiver is
disabled, and the
LMON LED pin goes to high shutting off
the
LMON LED. To return to the Link Pass state, the
optical receiver power must be 20% higher than the shut-
off state. This built-in hysteresis adds stability to the Link
Monitor circuit. Once the receiver power threshold is
exceeded, the ML4668 waits 250ms to 750ms, then
checks to see that Tx+. Tx– is idle and no data is being
received before re-enabling the transmitter, receiver,
loopback circuit, and lighting up the
LMON LED.
The VTHADJ pin is used to adjust the sensitivity of the
receiver. The ML4668 is capable of exceeding the
10BASE-FL specifications for sensitivity. The sensitivity is
dependent on the layout of the PC board. A good low
noise layout will exceed the 10BASE-FL specifications,
while a poor layout will fail to meet the sensitivity and
BER spec.
The threshold generator shifts the reference voltage at
VTHADJ through a circuit which has a temperature
coefficient matching that of the limiting amplifier. The
relationship between the VTHADJ and the VTH (the peak to
peak input threshold) is:
VTHADJ = 408VTH
(2)
In a 10BASE-FL receiver there must be less than 1 x 10–10
bit errors at a receive power level of –32.5dBm average.
One procedure to determine the sensitivity of a receiver is
to start at the lowest optical power level and gradually
increase the optical power until the BER is met. In this
case the Link Detect circuit must not disable the receiver
(i.e. VTHADJ should be tied to Ground). Once the
sensitivity of the receiver is determined, VTHADJ can be set
just above the power level that meets the BER
specification. This way the receiver will shut-off before the
BER is exceeded.
For 10BASE-FL VTHADJ can be tied directly to VREF.
However if greater sensitivity is required the circuit in
figure 5 can be used to adjust the VTHADJ voltage. Even if
VREF is tied to VTHADJ, it is a good idea to layout a board
with these two resistors available. This will allow potential
future adjustments without board revisions.
The response time of the Link Detect circuit is set by the
CTIMER pin. Starting from the link off state the link can be
switched on if the input exceeds the set threshold for a
time given by:
T=
CTIMER × 0.7V
A
700
µ
(3)
To switch the link from on to off, the above time will be
doubled. A value of 0.05
µF will meet to 10BASE-FL
specifications.
REF
THRESH
GEN
VREF
VTHADJ
R1
R2
Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com