Electronic Components Datasheet Search
  English  ▼

X  

010C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 010C
Description  Low starting threshold
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

010C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  010C Datasheet HTML 1Page - List of Unclassifed Manufacturers 010C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Quality Wind Sensors
Met One
Instruments, Inc.
1600 Washington Blvd.,
Grants Pass, OR 97526
Tel 541.471.7111
Fax 541.471.7116
sales@metone.com
010C Wind Speed Sensor
020C Wind Direction Sensor
The 010C Wind Speed Sensor provides accurate and detailed information on horizontal wind
speed. The lightweight three-cup anemometer is used in virtually all applications where fast
response and low starting threshold are of paramount importance.
The 020C Wind Direction Sensor provides azimuth data for use in micrometeorological
measurements related to operational studies and research. The lightweight airfoil vane is
directly coupled to a single precision potentiometer. These sensors are especially useful
when a low starting threshold, a high damping ratio, or a short delay distance is required.
Both wind speed and wind direction sensors are used in environments ranging from Antarctic
cold to arid desert. The 010C, 010C-1 and 020C instruments meet USEPA and NRC specifications
for critical measurement applications. See ‘ALTERNATE WIND SENSORS’ under specifications.
Low starting threshold
Internal heater for long bearing life
Low profile to minimize “sensor turbulence”
High damping ratio
Short delay distance
Quick-disconnect connector
Field-replaceable electronic components
Reliability
The 010C and 020C are made of stainless steel and
anodized aluminum components and are functionally
more reliable than any other sensors of their kind:
Built-in electrical field surge protection greatly
reduces problems associated with static fields,
near-miss lightning hits and poor grounding
systems
Inclusion of Met One Instruments’ internal heater
(AC use only) provides positive clean aspiration
through the bearings, thereby greatly increasing
sensor bearing life
Optional, external de-icing heater sleeve for
applications where freezing rain, ice and low
wind speeds may be encountered
FEATURES
010C Wind Speed Sensor
020C Wind Direction Sensor
Ingress Protection Level 65 (IP65)


Similar Part No. - 010C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
010-00157 ETC1-010-00157 Datasheet
166Kb / 1P
X-Cite 120Q illuminator
logo
Multicomp Pro
010-0041 MULTICOMP-010-0041 Datasheet
282Kb / 2P
Static Shielding Bag
15/07/22 15/07/22
logo
List of Unclassifed Man...
010-00440R ETC1-010-00440R Datasheet
157Kb / 1P
X-Cite Xylis LED illuminator
010-00444R ETC1-010-00444R Datasheet
157Kb / 1P
X-Cite Xylis LED illuminator
010-00527R ETC1-010-00527R Datasheet
127Kb / 1P
X-Cite Mini LED illuminator
More results

Similar Description - 010C

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59502A0120A020 EPCOS-B59502A0120A020 Datasheet
64Kb / 4P
Motor Starting
logo
List of Unclassifed Man...
013 ETC2-013 Datasheet
495Kb / 2P
Low starting threshold
logo
Diodes Incorporated
DMN4020LFDE DIODES-DMN4020LFDE Datasheet
290Kb / 6P
Low Gate Threshold Voltage
Rev 3
DMP25H18DLFDE DIODES-DMP25H18DLFDE Datasheet
247Kb / 7P
Low Gate Threshold Voltage
Rev 3
DMN24H11DS DIODES-DMN24H11DS Datasheet
395Kb / 6P
Low Gate Threshold Voltage
Rev 3
DMN1150UFL3 DIODES-DMN1150UFL3 Datasheet
661Kb / 7P
Low Gate Threshold Voltage
Rev 3
DMN3016LFDE DIODES-DMN3016LFDE Datasheet
265Kb / 6P
Low Gate Threshold Voltage
Rev 2
DMP31D0UFB4 DIODES-DMP31D0UFB4 Datasheet
478Kb / 7P
Low Gate Threshold Voltage
Rev 2
logo
Skyworks Solutions Inc.
SKY16602-632LF SKYWORKS-SKY16602-632LF Datasheet
1Mb / 11P
Low limiting threshold
logo
AVAGO TECHNOLOGIES LIMI...
TX299K AVAGO-TX299K Datasheet
141Kb / 1P
Low Threshold Current
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com