Electronic Components Datasheet Search
  English  ▼

X  

014A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 014A
Description  Aluminum or Lexan cups available
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

014A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  014A Datasheet HTML 1Page - List of Unclassifed Manufacturers 014A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Met One
Instruments, Inc.
1600 Washington Blvd.,
Grants Pass, OR 97526
Tel 541.471.7111
Fax 541.471.7116
sales@metone.com
014A-024A Rev.11/2010
014A Wind Speed Sensor
024A Wind Direction Sensor
SPECIFICATIONS
014A Wind Speed Sensor (continued)
CABlE & MOUNTING
PN 1805
Cable Assembly; specify length in feet or meters
Mounting:
PN 191 Crossarm Assembly
AlTERNATE wINd SPEEd SENSOR
014A-1 Fast Response Model:
Distance Constant:
Less than 5 ft. (1.5 m) – Lexan cup (meets EPA specifications)
024A Wind Direction Sensor
PERFORMANCE ChARACTERISTICS
Range:
0° - 360°
Starting Threshold:
1.0 mph (0.45 m/s)
Accuracy:
±5°
Delay Distance:
Less than 5 ft (1.5 m)
Damping Ratio:
0.25 (aluminum vane)
Potentiometer
Sand, dust, fungus:
MIL-E-5272
Salt spray:
MIL-E-12934
Electrical Range:
0° - 360°
Operating Range:
-50°C to +70°C (-58°F to +158°F)
PhySICAl ChARACTERISTICS
Weight:
1 lb 2 oz (.45 kg)
Finish:
Clear anodized aluminum
CABlE & MOUNTING
PN 1806
Cable Assembly; specify length in feet or meters
Mounting:
PN 191 Crossarm Assembly (contains orientation lock)
AlTERNATE wINd dIRECTION SENSOR
024A-1 Fast Response Model:
Damping Ratio:
0.4 (magnesium vane) (meets EPA specifications)
Specifications are subject to change at any time.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com