Electronic Components Datasheet Search
  English  ▼

X  

ML4761 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4761
Description  Adjustable Output Low Voltage Boost Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4761 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4761 Datasheet HTML 1Page - Micro Linear Corporation ML4761 Datasheet HTML 2Page - Micro Linear Corporation ML4761 Datasheet HTML 3Page - Micro Linear Corporation ML4761 Datasheet HTML 4Page - Micro Linear Corporation ML4761 Datasheet HTML 5Page - Micro Linear Corporation ML4761 Datasheet HTML 6Page - Micro Linear Corporation ML4761 Datasheet HTML 7Page - Micro Linear Corporation ML4761 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
ML4761
OPERATING CONDITIONS
Temperature Range
ML4761CS ................................................. 0°C to 70°C
ML4761ES .............................................. –20°C to 70°C
ML4761IS ............................................... –40°C to 85°C
VIN Operating Range
ML4761CS .................................... 1.0V to VOUT –0.2V
ML4761ES, ML4761IS ................... 1.1V to VOUT –0.2V
VOUT Operating Range ................................. 2.5V to 6.0V
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
Voltage on any pin ....................................................... 7V
Peak Switch Current, I(PEAK) .......................................... 2A
Average Switch Current, I(AVG) ............................... 500mA
Junction Temperature ............................................. 150°C
Storage Temperature Range ...................... –65°C to 150°C
Lead Temperature (Soldering 10 sec.) ..................... 260°C
Thermal Resistance (
qJA) ..................................... 160°C/W
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VIN = Operating Voltage Range, TA = Operating Temperature Range (Note 1)
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNITS
Supply
VIN Current
VIN = VOUT – 0.2V
45
55
µA
VOUT Quiescent Current
35
µA
VL Quiescent Current
1µA
Reference
Output Voltage (VREF)
0 < IPIN2 < –5µA
194
200
206
mV
PFM Regulator
Pulse Width (TON)VIN = 2.4V
C/E Suffix
9
10
11
µs
I Suffix
8.5
10
11.5
µs
SENSE Comparator
190
200
210
mV
Threshold Voltage (VSENSE)
Load Regulation
See Figure 1
VIN = 1.2V, IOUT - 25mA
4.85
5.0
5.15
V
VIN = 2.4V, IOUT - 135mA
4.85
5.0
5.15
V
Undervoltage Lockout Threshold
C/E Suffix
0.85
0.95
V
I Suffix
0.95
1.05
V
RESET
Comparator
RESET Output High Voltage (VOH)IOH = –100µA
VOUT – 0.2
V
RESET Output Low Voltage (VOL)IOL = 100µA
0.2
V
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com