Electronic Components Datasheet Search
  English  ▼

X  

045B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 045B
Description  Connections for Common Sensors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

045B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  045B Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The Model 045B Calibrator is a
portable signal source designed to
test and calibrate meteorological
stations that use the most common
Met One Instruments’ sensors and
instruments. It provides direct
sensor end substitution for virtually
all of the Met One Instruments’
sensors. Additionally, the 045B
works as a direct board calibrator
with the Multi-Met Model 123 and
131 translators.
Features
¨ Traceable to NIST
¨ Battery Powered
¨ Connections for Common
Sensors
¨ Multiple Test Signal Outputs
¨ Test and Adjust 2270 Cards
Operation
The calibrator connectors on the
045B Calibrator allow it to be used
as a direct substitute for most
sensors. The 045B allows the user
to select the various functions and
apply a test signal directly to the
input of the translator. Connector
interface kits are available for
various other types of sensors.
In operation with the Multi-Met
Translator system, the calibrator
provides a connector for the Model
2270 card of the translator. The
card is inserted into the calibrator
and can then be tested and aligned
using the internal reference source
of the 045B Calibrator.
The calibrator is designed to
generate signals that simulate
sensor outputs. Twelve outputs
are available and selected
individually by a functions switch in
the calibrator, or can be input to a
Multi-Met Translator module. Six
connectors are provided for use as
standard sensor substitution, three
binding posts for special sensors,
and a card edge connector for the
Multi-Met Translator cards.
Specifications
Frequency Output #1
010 Series WS Sensor
272.77 Hz, 545.48 Hz, 1090.97 Hz
25.00 mph, 49.40 mph, 98.20 mph
Frequency Output #2
013, 014, & 034A WS Sensor
13.41 Hz, 26.82 Hz, 53.65 Hz
25.01 mph, 49.00 mph, 97.00 mph
Precision Voltage Outputs
0.000 Volts
0.500 Volts
0.950 Volts
2.500 Volts
5.000 Volts
Temperature
-30 Deg C. (73,449 ohms)
-10 Deg C. (42,696 ohms)
+30 Deg C. (17,092 ohms)
+50 Deg C. (10,545 ohms).
Solar (Constant Current)
150 uA (15mv into 100 ohm load)
Precipitation
Contact closure counting
Power Requirement
2 each 9 volt batteries
Enclosure
Weatherproof NEMA 4X case.
Sensor Output Connections
Six Connectors in Front Panel
045B Portable Calibrator
045B
045B CALIBRATOR UNIT


Similar Part No. - 045B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
045-0883R AD-045-0883R Datasheet
1Mb / 75P
ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
logo
Christian Bürkert GmbH ...
0450 BURKERT-0450 Datasheet
345Kb / 4P
Process Actuation System for Hazardous Areas
22.09.2017
logo
Ashcroft, Inc.
04500GH02T ASHCROFT-04500GH02T Datasheet
545Kb / 4P
400/500 Threaded All-Welded Diaphragm Seal
RevH_06-28-21
04500GH04T ASHCROFT-04500GH04T Datasheet
545Kb / 4P
400/500 Threaded All-Welded Diaphragm Seal
RevH_06-28-21
04500GJ02T ASHCROFT-04500GJ02T Datasheet
545Kb / 4P
400/500 Threaded All-Welded Diaphragm Seal
RevH_06-28-21
More results

Similar Description - 045B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L512F ETC2-L512F Datasheet
171Kb / 1P
Low Profile Designed for PCB Connections
KT120 ETC2-KT120 Datasheet
47Kb / 2P
Terminal connections
logo
Mill-Max Mfg. Corp.
0854-0-15-20-82-14-11-0 MILL-MAX-0854-0-15-20-82-14-11-0 Datasheet
103Kb / 2P
MAXIMUM CONNECTIONS
0856-0-15-20-82-14-11-0 MILL-MAX-0856-0-15-20-82-14-11-0 Datasheet
102Kb / 2P
MAXIMUM CONNECTIONS
logo
3M Electronics
10236-6202PL 3M-10236-6202PL Datasheet
2Mb / 32P
Comprehensive Solutions for Reliable Connections
Dec-2005
logo
Epson Company
S1R72U01 EPSON-S1R72U01 Datasheet
505Kb / 32P
Ease of use and easy connections (serial connections)
S1R72U06 EPSON-S1R72U06 Datasheet
524Kb / 32P
Ease of use and easy connections (serial connections)
logo
Dynex Semiconductor
AN5177 DYNEX-AN5177 Datasheet
102Kb / 5P
Improved Gate Drive For GTO Series Connections
logo
Holt Integrated Circuit...
AN-551 HOLTIC-AN-551 Datasheet
336Kb / 13P
Bus Connections for Test Configurations
logo
celduc-relais
1LK00700 CELDUC-1LK00700 Datasheet
766Kb / 4P
Power connections
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com