Electronic Components Datasheet Search
  English  ▼

X  

083E Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 083E
Description  All solid state construction, digital electronics
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

083E Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  083E Datasheet HTML 1Page - List of Unclassifed Manufacturers 083E Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Met One
Instruments, Inc.
1600 Washington Blvd.,
Grants Pass, OR 97526
Tel 541.471.7111
Fax 541.471.7116
sales@metone.com
083E Rev.12/2010
PHYSICAL CHARACTERISTICS
Dimensions:
.75 in (19.05 mm) diameter
7.5 in (190.5 mm) length
Weight:
2.5 oz (70.9 g)
ORDERING INFORMATION
- 0
Temperature sensor not included
- 1
-50°C to +50°C, (-58°F to +122°F). Temperature sensor included
Accuracy ±0.1°C (±0.18°F)
083E - X - Y
- 35
With connector for direct use with
Model 073B Radiation Shield or
Model 5980 Radiation Shield
PN 2348 Cable Assembly – Specify length in feet or meters
- 6
With 6˝ Signal Cable for direct use with
Model 076B Motor Aspirated Radiation Shield
Specifications are subject to change at any time.
SPECIFICATIONS
083E Relative Humidity Sensor



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com