Electronic Components Datasheet Search
  English  ▼

X  

095 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 095
Description  Temperature compensated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

095 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  095 Datasheet HTML 1Page - List of Unclassifed Manufacturers 095 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Solar energy is a significant
element in large-scale atmos-
pheric motion, and as a
result, it has an important
place in meteorology. It is
directly related to atmospher-
ic stability, and is used in
determining stability classes
for pollution studies. Met One
Instruments supplies solar
sensors to meet virtually any
monitoring requirement.
Model 095 Pyranometer
The Model 095 Pyranometer
incorporates a multi-junction
differential thermopile and a
precision ground optical glass
hemisphere which is trans-
parent to wavelengths 0.285
to 2.80 microns. It is used for
high precision, broad band -
width measurements of inci-
dent solar radiation.
Features
s Differential thermopile
detector
s High accuracy, broad
bandwidth
s Temperature compensated
s Rapid response time
s Built-in leveling devices
The detector element is of
wirebound-plated construc-
tion with black and white seg-
ments. When exposed to
solar radiation, the differing
absorptivity of the black and
white surfaces develops a
temperature differential. The
thermopile then produces a
voltage proportional to the
solar radiation. Built-in ther-
mistor circuitry is incorporat-
ed to eliminate the effects of
ambient temperature.
The Model 095 Pyranometer
Corporate Sales & Service: 1600 Washington Blvd., Grants Pass, OR 97526, Phone (541) 471-7111, Fax (541) 471-7116
Distribution & Service: 3206 Main Street, Suite 106, Rowlett, TX 75088, Phone (972) 412-4747, Fax (972) 412-4716
http://www.metone.com • metone@metone.com
Met One Instruments,
Solar Radiation Sensors
The single hemispherical
optical glass dome has a
waterproof seal, but can easi-
ly be removed for repairs.
The case is cast aluminum,
painted white, and is fitted
with a desiccator, circular
level, and leveling screws. A
mounting base with a vertical
3/4” IPS pipe simplifies field
installation of the sensor. This
rugged instrument is capable
of withstanding mechanical
vibrations of up to 20 G’s.
Solar Radiation - REV. 9/1/97
Model 095
Spectral Response:
Nanometers: 285 - 2800
Microns:0.28 - 2.8
Calibration:
Integrating hemisphere approx. 1 cal cm-2 min-1, at 25°C
Sensitivity:**
11 mV/kwatt meter-2, approx.
Impedance:
350 ohms, approx.
Temperature Depend.:
±1.5% constancy from -20°C to +40°C
Linearity:
±1% from 0 to 1400 watts meter-2
Response Time:
5 second (1/e signal)
Cosine Response:
±2% from normalization 0°-70° zenith angle; ±5% 70°-80° zenith angle
Dimensions:
5.75 in (14.6 cm) diam. x 21 in (53.4 cm) h, including mount
Weight:
4 lbs (1.8 kg), including mount
Mounting:
Leveling plate and mounting base included.
Requires PN 1552 fitting or similar device.
Cable:
PN 1138-xx (xx = length in feet)
Model 394
Spectral Response:
Nanometers: 285 - 2800 (clear)*
Microns: 0.28 - 2.8 (clear)
Calibration:
Integrating hemisphere approx. 1 cal cm-2 min-1, at 25°C
Sensitivity:**
9 mV/kwatt meter-2, approx.
Impedance:
650 ohms, approx.
Temperature Depend.:
±1% constancy from -20°C to +40°C
Linearity:
±5% from 0 to 2800 watts meter-2
Response Time:
1 second (1/e signal)
Cosine Response:
±1% from normalization 0°-70° zenith angle; ±3% 70°-80° zenith angle
Dimensions:
5.75 in (14.6 cm) diam. x 23 in (58.4 cm) h, including mount
Weight:
9 lbs (4 kg), including mount
Mounting:
Leveling plate and mounting base included.
Requires PN 1552 fitting or similar device.
Cable:
PN 1138-xx (xx = length in feet)
Model 096
Spectral Response:
Nanometers: 400 - 1100
Microns: 0.4 - 1.1
Calibration:
Against Eppley B&W under natural daylight
Sensitivity:**
8 mV/kwatt meter-2 with 100 ohm load, approx.
Impedance:
100 ohms load (dependent upon sensor sensitivity)
Temperature Depend.:
±.15%/degree C, max.
Linearity:
±1% from 0 to 3000 watts meter-2
Response Time:
10 microseconds (10% - 90%)
Cosine Response:
Corrected up to 82° incident angle.
Azimuth error less than 1% over 360° at 45° elevation
Dimensions:
3 in (7.6 cm) diam. x 19 in (48.2 cm) h, including mount
Weight:
1.2 lbs (.54 kg), including mount
Mounting:
Leveling plate and mounting base included.
Requires PN 1552 fitting or similar device.
Cable:
PN 1832-xx (xx = length in feet)
Model 097
Spectral Response:
Nanometers: 250 - 60000
Microns: 0.25 - 60
Calibration:
Against transfer standard, compared to a tungsten-halide light source
Sensitivity:**
75 mV/kwatt meter-2, approx.
Impedance:
4 ohms
Response Time:
10.5 seconds
Dimensions:
2.8 in (7.1 cm) w x 2.5 in (6.35 cm) h x 37 in (94 cm)
Weight:
3 lbs (1.3 kg), including mount
Mounting:
Mounting plate for support arm included
Cable:
PN 2437-xx (xx = length in feet)
* Contact factory for other ranges.
** Sensitivity varies among sensors of the same type. A calibration certificate is supplied with each sensor.


Similar Part No. - 095

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
095-3137-003 DIALIGHT-095-3137-003 Datasheet
125Kb / 1P
021 SERIES FOR 11/16" MOUNTING HOLE . LIGHT SHIELD
095-3171-003 DIALIGHT-095-3171-003 Datasheet
125Kb / 1P
021 SERIES FOR 11/16" MOUNTING HOLE . LIGHT SHIELD
095-3172-003 DIALIGHT-095-3172-003 Datasheet
125Kb / 1P
021 SERIES FOR 11/16" MOUNTING HOLE . LIGHT SHIELD
095-3173-003 DIALIGHT-095-3173-003 Datasheet
125Kb / 1P
021 SERIES FOR 11/16" MOUNTING HOLE . LIGHT SHIELD
095-3175-003 DIALIGHT-095-3175-003 Datasheet
125Kb / 1P
021 SERIES FOR 11/16" MOUNTING HOLE . LIGHT SHIELD
More results

Similar Description - 095

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CMT-8-2003 TELEDYNE-CMT-8-2003 Datasheet
892Kb / 2P
Temperature Compensated Amplifier
CMT-18-6007 TELEDYNE-CMT-18-6007 Datasheet
892Kb / 2P
Temperature Compensated Amplifier
logo
ECS, Inc.
VC-TX0-30SM ECS-VC-TX0-30SM Datasheet
209Kb / 1P
TEMPERATURE COMPENSATED OSCILLATOR
logo
Vectron International, ...
6661 VECTRON-6661 Datasheet
529Kb / 5P
Temperature Compensated Crystal
6755 VECTRON-6755 Datasheet
457Kb / 4P
TEMPERATURE COMPENSATED
logo
Digitron Semiconductors
1N4565 DIGITRON-1N4565 Datasheet
131Kb / 3P
6.4 VOLT TEMPERATURE COMPENSATED 6.4 VOLT TEMPERATURE COMPENSATED
logo
TE Connectivity Ltd
82CV TEC-82CV Datasheet
251Kb / 5P
Temperature Compensated
154NCV TEC-154NCV Datasheet
144Kb / 5P
Temperature Compensated
logo
Megawin Technology Co.,...
MG39U103AH-050 MEGAWIN-MG39U103AH-050 Datasheet
293Kb / 14P
Temperature compensated
logo
M/A-COM Technology Solu...
1N4565-1 MA-COM-1N4565-1 Datasheet
731Kb / 5P
Temperature Compensated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com