Electronic Components Datasheet Search
  English  ▼

X  

531S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 531S
Description  Controlled Environments
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

531S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  531S Datasheet HTML 1Page - List of Unclassifed Manufacturers 531S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AEROCET 531S Par cle Mass Profiler & Counter
Measurements & Specifica ons:
OPERATING PRINCIPLE
Counts individual par cles using sca ered laser light and calculates the 
 
equivalent mass concentra on using a proprietary algorithm 
PERFORMANCE
Mass Mode
Mass Concentra on Ranges  
PM1, PM2.5, PM4, PM7, PM10, and TSP 
Sensi vity 
High = 0.3µm, Low = 0.5µm 
Concentra on Limit  
0 – 1,000 µg/m
3 
Sample Time  
1 minute 
Note: Measurement accuracy requires use of appropriate K‐Factor for the material 
 
being measured. 
Par cle Count Mode
Par cle Size Ranges  
High sensi vity: 0.3μm, 0.5μm, 1.0μm, 5.0μm and 10μm 
 
Low sensi vity: 0.5μm, 1.0μm, 5.0μm and 10.0μm 
Concentra on Limit  
0 – 3,000,000 par cles per cubic foot (105,900 par cles/L) 
Sample Time  
1 minute 
Size Accuracy  
± 10% 
Sensi vity  
User selectable (0.3μm  / 0.5μm) 
Flow Rate  
0.1 cfm (2.83 lpm) 
ELECTRICAL
Light Source  
Laser diode, 90 mW, 780 nm 
Ba ery Pack 
7.4V Li‐ion ba ery pack
 
Ba ery Life
 
10 hours con nuous opera on 
 
Up to 20 hours of typical (intermi ent) opera on.    
AC Adapter/Charger  
Li‐ion ba ery charger, 100 – 240 VAC, 50/60Hz, 0.2A  
Communica ons  
RS‐232, USB 
Cer fica ons  
Meets or exceeds CE and ISO 21501 
INTERFACE
Display / Keyboard 
16‐character × 4‐line LCD / 7‐key membrane keypad 
PHYSICAL
Size  
Height = 6.25” (15.9 cm) Width = 4.0” (10.2 cm) 
 
Thickness = 2.1” (5.4 cm) 
Weight  
2.0 lbs ‐ 32oz (0.9 kg) 
ENVIRONMENTAL
Opera ng Temperature  
0˚ to +50˚C 
Rela ve Humidity  
< 95% (non‐condensing)  
Storage Temperature  
‐20˚ to +60˚C 
SUPPLIED ACCESSORIES
User Manual 
Comet Communica ons So ware 
USB Cable 
Isokine c Sample Probe 
Zero Par culate Filter  
AC Adapter / Ba ery Charger  
Carrying Case  
OPTIONAL ACCESSORIES
RH & Temperature Probe 
(PN G3120)  
Portable Printer 
(PN G3115)  
Flow Meter  
(PN 9801) 
Custom Serial Cable  
(PN 3228) 
1600 Washington Blvd.
● Grants Pass, OR 97526 ● 541.471.7111 ●
www.metone.com
sales@metone.com
REV AUG 2014



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com