Electronic Components Datasheet Search
  English  ▼

X  

AXP192 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # AXP192
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP192 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button AXP192 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 43Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 44Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 45Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 46Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 53 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 43/53
Enhanced single Cell Li-Battery and Power System Management IC
AXP192
REG 8BH:VBUS 管脚监测 SRP 功能控制
默认值
:00H
Bit
描述
R/W
默认值
7-6
保留,不可更改
5-4
VBUS 有效电压设置
00:4.0V; 01:4.15V; 10:4.45V; 11:4.55V
RW
00
3
VBUS Valid 检测功能设置:0:关闭,1:打开
RW
0
2
VBUS Session 检测功能设置:0:关闭,1:打开
RW
0
1
Discharge VBUS 放电功能设置
0:关闭 VBUS 的放电电阻;1:使用 VBUS 的放电电阻
RW
0
0
Charge VBUS 充电功能设置
0:断开 VBUS 充电电阻;1:使用 VBUS 充电电阻给 VBUS 充电
RW
0
REG 8FH:过温关机等功能设置
默认值
:01H
Bit
描述
R/W
默认值
7-3
保留,不可更改
RW
0
2
AXP192 内部过温关机功能设置
0:不关机; 1:关机
RW
0
1-0
保留,不可更改
REG 90H:GPIO0 功能设置
默认值
:07H
Bit
描述
R/W
默认值
7-3
保留,不可更改
RW
0
2
GPIO0 管脚功能设置 Bit 2
RW
1
1
GPIO0 管脚功能设置 Bit 1
RW
1
0
GPIO0 管脚功能设置 Bit 0
000:NMOS 漏极开路输出
001:通用输入功能
010:低噪声 LDO
011:保留
100:ADC 输入
101:输出低
11X:浮空
RW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com