Electronic Components Datasheet Search
  English  ▼

X  

ML4669IQ Datasheet(PDF) 13 Page - Micro Linear Corporation

Part # ML4669IQ
Description  10BASE-FL to 10BASE-T Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4669IQ Datasheet(HTML) 13 Page - Micro Linear Corporation

Back Button ML4669IQ Datasheet HTML 8Page - Micro Linear Corporation ML4669IQ Datasheet HTML 9Page - Micro Linear Corporation ML4669IQ Datasheet HTML 10Page - Micro Linear Corporation ML4669IQ Datasheet HTML 11Page - Micro Linear Corporation ML4669IQ Datasheet HTML 12Page - Micro Linear Corporation ML4669IQ Datasheet HTML 13Page - Micro Linear Corporation ML4669IQ Datasheet HTML 14Page - Micro Linear Corporation ML4669IQ Datasheet HTML 15Page - Micro Linear Corporation ML4669IQ Datasheet HTML 16Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
ML4664/ML4669
OPTICAL LINK DETECT CIRCUIT AND LOW LIGHT
The link detect circuit monitors the input signal and
determines when the input falls below a preset voltage
level. When the input falls below a preset voltage, the
ML4664/ML4669 goes into the Low Light state. In the
Low Light state the TP transmitter is disabled, but
continues sending link pulses, the receiver is disabled,
and the LMON LED pin goes to high shutting off the
LMON LED. To return to the Link Pass state, the optical
receiver power must be 20% higher than the shut-off
state. This built-in hysteresis adds stability to the Link
Monitor circuit. Once the receiver power threshold is
exceeded, the ML4664/ML4669 waits 250ms to 750ms,
then checks to see that no data is being received before
re-enabling the transmitter, and receiver, and lighting up
the LMON LED.
When the ML4664 is in the low light state, both the link
pulses at the twisted pair transmitter and idle at the
optical transmitter continue to be sent. However, when
the ML4669 is in the low light state, link pulses are not
sent at the twisted pair transmitter. Data is not sent at
either transmitter. An idle signal may be sent at the
optical transmitter, depending on the twisted pair inputs.
See Table 1.
The VTHADJ pin is used to adjust the sensitivity of the
receiver. The ML4664/ML4669 is capable of exceeding
the 10BASE-FL specifications for sensitivity. The sensitivity
is dependent on the layout of the PC board. A good low
noise layout will exceed the 10BASE-FL specifications,
while a poor layout will fail to meet the sensitivity and
BER spec.
The threshold generator shifts the reference voltage at
VTHADJ through a circuit which has a temperature
coefficient matching that of the limiting amplifier. The
relationship between the VTHADJ and the VTH (the peak to
peak input threshold) is:
VV
THADJ
TH
= 408
(4)
A 10BASE-FL receiver must make less than 1 x 10–9 bit
errors at a receive power level of –32.5dBm average. One
procedure to determine the sensitivity of a receiver is to
start at the lowest optical power level and gradually
increase the optical power until the BER is met. In this
case the Link Detect circuit must not disable the receiver
(i.e. VTHADJ should be tied to 1.0V). Once the sensitivity
of the receiver is determined, VTHADJ can be set just
above the power level that meets the BER specification.
This way the receiver will shut-off before the BER is
exceeded.
For 10BASE-FL VTHADJ can be tied directly to VREF.
However if greater sensitivity is required the circuit in
Figure 10 can be used to adjust the VTHADJ voltage. Even
if VREF is tied to VTHADJ, it is a good idea to layout a board
with these two resistors available. This will allow
potential future adjustments without board revisions.
The response time of the Link Detect circuit is set by the
CTIMER pin. Starting from the link off state the link can be
switched on if the input exceeds the set threshold for a
time given by:
T =
CTIMER ™ 0.7V
A
700
m
(5)
To switch the link from on to off, the above time will be
doubled. A value of 0.05µF will meet to 10BASE-FL
specifications.
LED DRIVERS
The ML4664/ML4669 has five LED drivers. The LED driver
pins are active low, and the LEDs are normally off (except
for LTF and LMON). The LEDs are tied to their respective
pins through a 300
W resistor to 5 Volts.
The OPLED and TPLED pins have pulse stretchers on
them which enables the LEDs to be visible. If another
event occurs before the timer expires, the LED timer will
reset and restart the timing. Therefore rapid events will
leave the LEDs continuously on. The LMON, LTF, and
POLDIS LEDs do not have a pulse stretcher on since its
condition occurs long enough for the eye to see.
LOW LIGHT CONDITION
The LMON LED output is used to indicate a low light
condition. LMON is activated low when both the receive
power exceeds the Link Monitor threshold and there are
transitions on OPINP, OPINN less than 3µs apart. If either
one of these conditions do not exist, LMON will go high.
SYSTEM DESCRIPTION (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com