Electronic Components Datasheet Search
  English  ▼

X  

ML4805 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4805
Description  Variable Feedforward PFC/PWM Controller Combo
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4805 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4805 Datasheet HTML 1Page - Micro Linear Corporation ML4805 Datasheet HTML 2Page - Micro Linear Corporation ML4805 Datasheet HTML 3Page - Micro Linear Corporation ML4805 Datasheet HTML 4Page - Micro Linear Corporation ML4805 Datasheet HTML 5Page - Micro Linear Corporation ML4805 Datasheet HTML 6Page - Micro Linear Corporation ML4805 Datasheet HTML 7Page - Micro Linear Corporation ML4805 Datasheet HTML 8Page - Micro Linear Corporation ML4805 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
November 1998
PRELIMINARY
ML4805
Variable Feedforward PFC/PWM Controller Combo
GENERAL DESCRIPTION
The ML4805 is a controller for power factor corrected,
switched mode power supplies. Similar to the ML4801,
the ML4805 may be used for voltage mode operation. Key
features of this combined PFC and PWM controller are
low start-up and operating currents. Power Factor
Correction (PFC) allows the use of smaller, lower cost
bulk capacitors, reduces power line loading and stress on
the switching FETs, and results in a power supply that
fully complies with IEC1000-2-3 specifications. The
ML4805 includes circuits for the implementation of a
leading edge, average current “boost” type power factor
correction and a trailing edge pulse width modulator.
The PFC frequency of the ML4805 is automatically set at
half that of the PWM frequency generated by the internal
oscillator. This technique allows the user to design with
smaller output components while maintaining the
optimum operating frequency for the PFC. An over-
voltage comparator shuts down the PFC section in the
event of a sudden decrease in load. The PFC section also
includes peak current limiting and input voltage brown-
out protection.
FEATURES
s
Internally synchronized PFC and PWM in one IC
s
Low start-up current (200µA typ.)
s
Low operating current (5.5mA typ.)
s
Low total harmonic distortion
s
Reduces ripple current in the storage capacitor
between the PFC and PWM sections
s
Average current continuous boost leading edge PFC
s
High efficiency trailing edge PWM optimized for
voltage mode operation
s
Current fed gain modulator for improved noise
immunity
s
Brown-out control, overvoltage protection, UVLO, and
soft start
BLOCK DIAGRAM
17
VEAO
IEAO
VFB
IAC
VRMS
ISENSE
RAMP 1
OSCILLATOR
OVP
PFC ILIMIT
UVLO
VREF
PULSE WIDTH MODULATOR
POWER FACTOR CORRECTOR
2.5V
+
-
-
+
18
2
4
3
7.5V
REFERENCE
16
VCC
15
VCC
VEA
8
+
–
IEA
1
+
-
+
-
PFC OUT
14
S
R
Q
Q
S
R
Q
Q
2.75V
-1V
RAMP 2
9
PWM OUT
PGND
ILIM
13
S
R
Q
Q
VDC
6
SS
AGND
5
RTCT
7
VCC
DUTY CYCLE
LIMIT
+
-
1.5V
-
+
2.5V
VFB
-
+
8V
8V
VIN OK
GAIN
MODULATOR
VCC
÷2
1.6k
Ω
1.6k
Ω
1.25V
25µA
-
+
DC ILIMIT
10
12
11


Similar Part No. - ML4805

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4805 FAIRCHILD-ML4805 Datasheet
125Kb / 13P
Variable Feedforward PFC/PWM Controller Combo
ML4805CP FAIRCHILD-ML4805CP Datasheet
125Kb / 13P
Variable Feedforward PFC/PWM Controller Combo
ML4805CS FAIRCHILD-ML4805CS Datasheet
125Kb / 13P
Variable Feedforward PFC/PWM Controller Combo
ML4805IP FAIRCHILD-ML4805IP Datasheet
125Kb / 13P
Variable Feedforward PFC/PWM Controller Combo
ML4805IS FAIRCHILD-ML4805IS Datasheet
125Kb / 13P
Variable Feedforward PFC/PWM Controller Combo
More results

Similar Description - ML4805

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4801 FAIRCHILD-ML4801 Datasheet
160Kb / 14P
Variable Feedforward PFC/PWM Controller Combo
ML4802 FAIRCHILD-ML4802 Datasheet
285Kb / 15P
PFC/PWM Controller Combo with Green Mode
ML4805 FAIRCHILD-ML4805 Datasheet
125Kb / 13P
Variable Feedforward PFC/PWM Controller Combo
ML4841 FAIRCHILD-ML4841 Datasheet
129Kb / 15P
Variable Feedforward PFC/PWM Controller Combo
logo
Micro Linear Corporatio...
ML4801 MICRO-LINEAR-ML4801 Datasheet
248Kb / 14P
Variable Feedforward PFC/PWM Controller Combo
ML4841 MICRO-LINEAR-ML4841 Datasheet
282Kb / 15P
Variable Feedforward PFC/PWM Controller Combo
logo
Champion Microelectroni...
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
Low Pin Count PFC/PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
8-Pin PFC and PWM Controller Combo
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
8-Pin PFC and PWM Controller Combo
logo
Champion Microelectroni...
CM6800T CHAMP-CM6800T Datasheet
852Kb / 27P
EPA/85 PFCPWM COMBO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com