Electronic Components Datasheet Search
  English  ▼

X  

PE44577 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44577
Description  75 Ohm BNC Male Precision Connector Compression Attachment For PE-B159
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44577 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44577 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44577 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm BNC Male Precision Connector
Compression Attachment For PE-B159
75 Ohm BNC Male Precision Connector Compression Attachment For PE-B159
Configuration
Connector
BNC Male
Connector Interface Type
PE-B159
Cable Attachment Method (Shield/Contact)
Compression
Connector Design
Precision
Body Style
Straight
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
1.367 [34.72]
Width/Dia., in [mm]
0.57 [14]
Weight, lbs [g]
0.038 [17.24]
Connector
Type
BNC Male
Contact Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
HDPE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/bnc-male-standard-pe-b159-connector-pe44577-p.aspx
75 Ohm BNC Male Precision Connector Compression Attachment For PE-B159 from Pasternack Enterprises has same day
shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF,
microwave and fiber optic products.
PE44577
PE44577 REV


Similar Part No. - PE44577

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4457 PASTERNACK-PE4457 Datasheet
110Kb / 1P
TNC FEMALE CLAMP ATTACHMENT
PE44570 PASTERNACK-PE44570 Datasheet
216Kb / 2P
7/16 DIN Female Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
PE44571 PASTERNACK-PE44571 Datasheet
369Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For 7/8 inch Annular
PE44572 PASTERNACK-PE44572 Datasheet
213Kb / 2P
75 Ohm F Male Precision Connector Compression Attachment For PE-B159
PE44573 PASTERNACK-PE44573 Datasheet
210Kb / 2P
75 Ohm F Male Connector Compression Attachment For Mini 59, PE-B159
More results

Similar Description - PE44577

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44578 PASTERNACK-PE44578 Datasheet
222Kb / 2P
75 Ohm BNC Male Connector Compression Attachment For Mini 59, PE-B159
PE44584 PASTERNACK-PE44584 Datasheet
205Kb / 2P
75 Ohm BNC Male Precision Connector Crimp/ Solder Attachment For Mini 59, PE-B159
PE44572 PASTERNACK-PE44572 Datasheet
213Kb / 2P
75 Ohm F Male Precision Connector Compression Attachment For PE-B159
PE44574 PASTERNACK-PE44574 Datasheet
204Kb / 2P
75 Ohm RCA Male Precision Connector Compression Attachment For Mini 59, PE-B159
PE44575 PASTERNACK-PE44575 Datasheet
264Kb / 2P
75 Ohm RCA Male Precision Connector Compression Attachment For PE-B159, Gold Plated
PE44576 PASTERNACK-PE44576 Datasheet
216Kb / 2P
75 Ohm RCA Male Connector Compression Attachment For Mini 59, PE-B159
PE44580 PASTERNACK-PE44580 Datasheet
203Kb / 2P
75 Ohm RCA Male Right Angle Connector Compression Attachment For Mini 59, PE-B159
PE44583 PASTERNACK-PE44583 Datasheet
395Kb / 3P
75 Ohm RCA Male Precision Connector Crimp - Solder Attachment for PE-B159
PE44625 PASTERNACK-PE44625 Datasheet
245Kb / 2P
75 Ohm BNC Male Connector Crimp-Solder Attachment For Mini 59, PE-B159
PE44573 PASTERNACK-PE44573 Datasheet
210Kb / 2P
75 Ohm F Male Connector Compression Attachment For Mini 59, PE-B159
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com