Electronic Components Datasheet Search
  English  ▼

X  

PE44616 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44616
Description  BNC Female Connector Solder Attachment End Launch PCB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44616 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44616 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44616 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
BNC Female Connector Solder Attachment End Launch PCB
Configuration
Connector
BNC Female
Connector Interface Type
End Launch
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.022 [25.96]
Width/Dia., in [mm]
0.472 [11.99]
.
Weight, lbs [g]
0.02 [9.07]
Connector
Type
BNC Female
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
BNC Female Connector Solder Attachment End Launch PCB from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Female Connector Solder Attachment End Launch PCB PE44616
URL: http://www.pasternack.com/bnc-female-standard-surface-mount-end-launch-connector-pe44616-p.aspx
PE44616
PE44616 REV 01
BNC Female Connector Solder Attachment End Launch PCB


Similar Part No. - PE44616

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4461 PASTERNACK-PE4461 Datasheet
117Kb / 1P
TNC FEMALE CLAMP ATTACHMENT
PE44610 PASTERNACK-PE44610 Datasheet
215Kb / 3P
QN Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal
PE44613 PASTERNACK-PE44613 Datasheet
203Kb / 2P
MCX Plug Connector Solder Attachment Surface Mount PCB
PE44614 PASTERNACK-PE44614 Datasheet
234Kb / 2P
SMA Female Connector Solder Attachment 0.078 inch End Launch PCB
PE44615 PASTERNACK-PE44615 Datasheet
222Kb / 2P
N Female Bulkhead Connector Solder Attachment End Launch PCB, .630 inch Diameter
More results

Similar Description - PE44616

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4874 PASTERNACK-PE4874 Datasheet
238Kb / 2P
RP SMA Female Connector Solder Attachment 0.062 inch End Launch PCB
PE44206 PASTERNACK-PE44206 Datasheet
285Kb / 3P
SMA Female Connector Solder Attachment 0.031 inch End Launch PCB
PE44235 PASTERNACK-PE44235 Datasheet
228Kb / 3P
SMA Female Connector Solder Attachment End Launch PCB, .030 inch Diameter
PE44482 PASTERNACK-PE44482 Datasheet
260Kb / 3P
SMP Male Connector Solder Attachment End Launch PCB
PE44620 PASTERNACK-PE44620 Datasheet
215Kb / 2P
75 Ohm BNC Female Bulkhead Connector Solder Attachment End Launch PCB, .500 inch Diameter
PE44618 PASTERNACK-PE44618 Datasheet
216Kb / 2P
BNC Female Bulkhead Connector Solder Attachment End Launch PCB, .500 inch Diameter
PE44619 PASTERNACK-PE44619 Datasheet
209Kb / 2P
75 Ohm BNC Female Connector Solder Attachment End Launch PCB
PE44661 PASTERNACK-PE44661 Datasheet
228Kb / 3P
MCX Jack Connector Solder Attachment End Launch PCB
PE44663 PASTERNACK-PE44663 Datasheet
674Kb / 3P
MMCX Plug Connector Solder Attachment End Launch PCB
PE44614 PASTERNACK-PE44614 Datasheet
234Kb / 2P
SMA Female Connector Solder Attachment 0.078 inch End Launch PCB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com