Electronic Components Datasheet Search
  English  ▼

X  

PE44619 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44619
Description  75 Ohm BNC Female Connector Solder Attachment End Launch PCB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44619 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44619 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44619 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm BNC Female Connector Solder Attachment End Launch PCB
Configuration
Connector
BNC Female
Connector Interface Type
End Launch
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
1.022 [25.96]
Width/Dia., in [mm]
0.496 [12.60]
.
Weight, lbs [g]
0.02 [9.07]
Connector
Type
BNC Female
Contact Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm BNC Female Connector Solder Attachment End Launch PCB from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Female Connector Solder Attachment End Launch PCB PE44619
URL: http://www.pasternack.com/bnc-female-standard-surface-mount-end-launch-connector-pe44619-p.aspx
PE44619
PE44619 REV 01
75 Ohm BNC Female Connector Solder
Attachment End Launch PCB


Similar Part No. - PE44619

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4461 PASTERNACK-PE4461 Datasheet
117Kb / 1P
TNC FEMALE CLAMP ATTACHMENT
PE44610 PASTERNACK-PE44610 Datasheet
215Kb / 3P
QN Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal
PE44613 PASTERNACK-PE44613 Datasheet
203Kb / 2P
MCX Plug Connector Solder Attachment Surface Mount PCB
PE44614 PASTERNACK-PE44614 Datasheet
234Kb / 2P
SMA Female Connector Solder Attachment 0.078 inch End Launch PCB
PE44615 PASTERNACK-PE44615 Datasheet
222Kb / 2P
N Female Bulkhead Connector Solder Attachment End Launch PCB, .630 inch Diameter
More results

Similar Description - PE44619

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44131 PASTERNACK-PE44131 Datasheet
256Kb / 3P
75 Ohm Mini SMB Jack Connector Solder Attachment 0.062 inch End Launch PCB
PE44134 PASTERNACK-PE44134 Datasheet
266Kb / 2P
75 Ohm Mini SMB Jack Connector Solder Attachment 0.042 inch End Launch PCB
PE44620 PASTERNACK-PE44620 Datasheet
215Kb / 2P
75 Ohm BNC Female Bulkhead Connector Solder Attachment End Launch PCB, .500 inch Diameter
PE44616 PASTERNACK-PE44616 Datasheet
210Kb / 2P
BNC Female Connector Solder Attachment End Launch PCB
PE44618 PASTERNACK-PE44618 Datasheet
216Kb / 2P
BNC Female Bulkhead Connector Solder Attachment End Launch PCB, .500 inch Diameter
PE44305 PASTERNACK-PE44305 Datasheet
752Kb / 2P
75 Ohm MCX Jack Connector Solder Attachment 0.068 inch End Launch PCB
PE4611 PASTERNACK-PE4611_16 Datasheet
333Kb / 3P
75 Ohm BNC Female Connector Clamp/ Solder Attachment
PE4612 PASTERNACK-PE4612_16 Datasheet
329Kb / 3P
75 Ohm BNC Female Connector Clamp/Solder Attachment
PE4614 PASTERNACK-PE4614_16 Datasheet
353Kb / 3P
75 Ohm BNC Female Connector Crimp/Solder Attachment
PE45211 PASTERNACK-PE45211 Datasheet
340Kb / 3P
75 Ohm MCX Jack Connector Solder Attachment .072 inch End Launch PCB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com