Electronic Components Datasheet Search
  English  ▼

X  

PE44626 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44626
Description  75 Ohm BNC Male Connector Crimp/Solder Attachment For 1505A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44626 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44626 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44626 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm BNC Male Connector Crimp/Solder Attachment For 1505A
Configuration
Connector
BNC Male
Connector Interface Type
1505A
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
1.18 [29.97]
Width/Dia., in [mm]
0.57 [14.48]
.
Weight, lbs [g]
0.02 [9.07]
Connector
Type
BNC Male
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm BNC Male Connector Crimp/Solder Attachment For 1505A from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Male Connector Crimp/Solder Attachment For 1505A PE44626
URL: http://www.pasternack.com/bnc-male-standard-1505a-connector-pe44626-p.aspx
PE44626
PE44626 REV 01
75 Ohm BNC Male Connector Crimp/Solder Attachment For 1505A


Similar Part No. - PE44626

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4462 PASTERNACK-PE4462 Datasheet
300Kb / 2P
TNC Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4462 PASTERNACK-PE4462 Datasheet
410Kb / 3P
TNC Female Connector Crimp/Solder Attachment
PE44620 PASTERNACK-PE44620 Datasheet
215Kb / 2P
75 Ohm BNC Female Bulkhead Connector Solder Attachment End Launch PCB, .500 inch Diameter
PE44622 PASTERNACK-PE44622 Datasheet
207Kb / 2P
75 Ohm RCA Male Connector Crimp - Solder Attachment For Mini 59, PE-B159
PE44623 PASTERNACK-PE44623 Datasheet
207Kb / 2P
75 Ohm RCA Male Connector Crimp - Solder Attachment For 1694A
More results

Similar Description - PE44626

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4602 PASTERNACK-PE4602 Datasheet
253Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG59
PE4633 PASTERNACK-PE4633 Datasheet
222Kb / 3P
75 Ohm BNC Male Connector Crimp/ Solder Attachment For PE-B150
PE4598 PASTERNACK-PE4598 Datasheet
250Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG6
PE4600 PASTERNACK-PE4600 Datasheet
257Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG11
PE44627 PASTERNACK-PE44627 Datasheet
206Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For 1694A
PE44624 PASTERNACK-PE44624 Datasheet
207Kb / 2P
75 Ohm RCA Male Connector Crimp-Solder Attachment For 1505A
PE44628 PASTERNACK-PE44628 Datasheet
207Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For 7731A
PE44631 PASTERNACK-PE44631 Datasheet
218Kb / 2P
75 Ohm BNC Male Connector Crimp-Solder Attachment For 1505A, High Definition
PE4600 PASTERNACK-PE4600_16 Datasheet
359Kb / 3P
75 Ohm BNC Male Connector Crimp/Solder Attachment
PE4604 PASTERNACK-PE4604_16 Datasheet
322Kb / 3P
75 Ohm BNC Male Connector Crimp/Solder Attachment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com