Electronic Components Datasheet Search
  English  ▼

X  

PE44641 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44641
Description  BNC Male Right Angle Connector Crimp-Solder Attachment For RG8X, PE-C240, 0.240 inch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44641 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44641 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44641 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
BNC Male Right Angle Connector Crimp/Solder
Attachment For RG8X, PE-C240, 0.240 inch
BNC Male Right Angle Connector Crimp/Solder Attachment For RG8X, PE-C240, 0.240 inch
Configuration
Connector
BNC Male
Connector Interface Type
RG8X,PE-C240,0.240 inch
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.103 [28.02]
Width/Dia., in [mm]
0.571 [15]
Height, in [mm]
1.052 [26.72]
.
Weight, lbs [g]
0.042 [19.05]
Connector
Type
BNC Male
Contact Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Delrin
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/bnc-male-standard-rg8x-pe-c240-0.240-connector-pe44641-p.aspx
BNC Male Right Angle Connector Crimp/Solder Attachment For RG8X, PE-C240, 0.240 inch from Pasternack Enterprises has
same day shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of
RF, microwave and fiber optic products.
PE44641
PE44641 REV


Similar Part No. - PE44641

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4464 PASTERNACK-PE4464 Datasheet
228Kb / 3P
TNC Female Bulkhead Connector Clamp - Solder Attachment For RG59, RG62, .480 inch D Hole
PE4464 PASTERNACK-PE4464 Datasheet
324Kb / 3P
TNC Female Bulkhead Mount Connector Clamp/Solder Attachment
PE44640 PASTERNACK-PE44640 Datasheet
205Kb / 2P
BNC Male Connector Crimp-Solder Attachment For RG8X, PE-C240, B7808A, 0.240 inch
PE44642 PASTERNACK-PE44642 Datasheet
205Kb / 2P
BNC Female Connector Crimp-Solder Attachment For RG8X, LMR-240, PE-C240
PE44643 PASTERNACK-PE44643 Datasheet
208Kb / 2P
SMA Female Bulkhead Connector Crimp - Solder Attachment For RG174, RG188, RG316, .252 inch D Hole
More results

Similar Description - PE44641

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4379 PASTERNACK-PE4379 Datasheet
318Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG8X,PE-C240
PE44525 PASTERNACK-PE44525 Datasheet
217Kb / 2P
N Male Right Angle Connector Crimp/Solder Attachment For PE-C240, 0.240 inch
PE44634 PASTERNACK-PE44634 Datasheet
214Kb / 2P
TNC Male Connector Crimp/Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44640 PASTERNACK-PE44640 Datasheet
205Kb / 2P
BNC Male Connector Crimp-Solder Attachment For RG8X, PE-C240, B7808A, 0.240 inch
PE44521 PASTERNACK-PE44521 Datasheet
264Kb / 2P
N Male Connector Crimp-Solder Attachment For PE-C240, 0.240 inch
PE44637 PASTERNACK-PE44637 Datasheet
215Kb / 2P
SMA Male Connector Crimp - Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44638 PASTERNACK-PE44638 Datasheet
231Kb / 3P
SMA Male Right Angle Connector Crimp - Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44639 PASTERNACK-PE44639 Datasheet
242Kb / 2P
SMA Female Connector Crimp - Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44063 PASTERNACK-PE44063 Datasheet
310Kb / 3P
TNC Male Connector Clamp - Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44635 PASTERNACK-PE44635 Datasheet
218Kb / 2P
TNC Male Right Angle Connector Crimp/Solder Attachment For RG8X, PE-C240, 0.240 inch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com