Electronic Components Datasheet Search
  English  ▼

X  

PE44658 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44658
Description  BNC Female Bulkhead Connector Crimp-Solder Attachment For RG178, RG196, .480 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44658 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44658 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44658 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
BNC Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .480 inch D Hole
Configuration
Connector
BNC Female
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.072 [27.23]
Width/Dia., in [mm]
0.689 [17.50]
.
Weight, lbs [g]
0.003 [1.36]
Connector
Type
BNC Female
Contact Material and Plating
Phosphor Bronze, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
BNC Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .480 inch D Hole from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .480 inch D Hole
PE44658
URL: http://www.pasternack.com/bnc-female-standard-rg178-rg196-connector-pe44658-p.aspx
PE44658
PE44658 REV 01
BNC Female Bulkhead Connector Crimp/Solder
Attachment For RG178, RG196, .480 inch D Hole


Similar Part No. - PE44658

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4465 PASTERNACK-PE4465 Datasheet
258Kb / 2P
TNC Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE44650A PASTERNACK-PE44650A Datasheet
218Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Black Color
PE44650B PASTERNACK-PE44650B Datasheet
216Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, White Color
PE44650C PASTERNACK-PE44650C Datasheet
219Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Blue Color
PE44650D PASTERNACK-PE44650D Datasheet
218Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Bordeaux Color
More results

Similar Description - PE44658

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44366 PASTERNACK-PE44366 Datasheet
315Kb / 3P
10-32 Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .295 inch D Hole
PE4748 PASTERNACK-PE4748 Datasheet
256Kb / 2P
RP BNC Female Bulkhead Connector Crimp/Solder Attachment For RG58, .480 inch D Hole
PE4886 PASTERNACK-PE4886 Datasheet
262Kb / 3P
MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .177 inch D Hole
PE4309 PASTERNACK-PE4309 Datasheet
256Kb / 2P
BNC Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4647 PASTERNACK-PE4647 Datasheet
390Kb / 3P
N Male Connector Crimp/Solder Attachment For RG178, RG196, .480 inch D Hole
PE4862 PASTERNACK-PE4862 Datasheet
276Kb / 3P
RP SMA Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .235 inch D Hole
PE44197 PASTERNACK-PE44197 Datasheet
275Kb / 3P
RT SMA Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .235 inch D Hole
PE4337 PASTERNACK-PE4337 Datasheet
226Kb / 3P
SSMB Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .126 inch D Hole
PE44389 PASTERNACK-PE44389 Datasheet
215Kb / 2P
SSMA Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .177 inch D Hole
PE45292 PASTERNACK-PE45292 Datasheet
416Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment for RG178, RG196, .235 inch D Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com