Electronic Components Datasheet Search
  English  ▼

X  

PE44686 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44686
Description  BNC Male Connector Crimp-Solder Attachment For 735A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44686 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44686 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44686 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44686 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
BNC Male Connector Crimp/Solder Attachment For 735A
Configuration
Connector
BNC Male
Connector Interface Type
735A
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
75
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vdc
1,500
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.13 [28.7]
Width/Dia., in [mm]
0.571 [14.50]
.
Weight, lbs [g]
0.025 [11.34]
Connector
Type
BNC Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Male Connector Crimp/Solder Attachment For 735A PE44686
PE44686
PE44686 REV
BNC Male Connector Crimp/Solder Attachment For 735A


Similar Part No. - PE44686

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4468 PASTERNACK-PE4468 Datasheet
257Kb / 3P
TNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4468 PASTERNACK-PE4468 Datasheet
349Kb / 3P
TNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment
PE44687 PASTERNACK-PE44687 Datasheet
284Kb / 3P
75 Ohm BNC Female Bulkhead Connector Crimp - Solder Attachment For 735A, .480 inch D Hole
PE44688 PASTERNACK-PE44688 Datasheet
844Kb / 3P
BNC Female Connector Crimp-Solder Attachment For 735A
PE4468 PASTERNACK-PE4468_16 Datasheet
349Kb / 3P
TNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment
More results

Similar Description - PE44686

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4381 PASTERNACK-PE4381 Datasheet
244Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG58 Plenum
PE44688 PASTERNACK-PE44688 Datasheet
844Kb / 3P
BNC Female Connector Crimp-Solder Attachment For 735A
PE4598 PASTERNACK-PE4598_16 Datasheet
360Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4044 PASTERNACK-PE4044_16 Datasheet
361Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4210 PASTERNACK-PE4210_16 Datasheet
321Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4247 PASTERNACK-PE4247_17 Datasheet
370Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4351 PASTERNACK-PE4351_16 Datasheet
352Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4378 PASTERNACK-PE4378_16 Datasheet
352Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4381 PASTERNACK-PE4381_16 Datasheet
353Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4382 PASTERNACK-PE4382_16 Datasheet
357Kb / 3P
BNC Male Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com