Electronic Components Datasheet Search
  English  ▼

X  

PE44688 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44688
Description  BNC Female Connector Crimp-Solder Attachment For 735A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44688 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44688 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44688 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44688 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
BNC Female Connector Crimp/Solder Attachment For 735A
Configuration
Connector
BNC Female
Connector Interface Type
735A
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
75
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vdc
1,000
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.43 [36.32]
Width/Dia., in [mm]
0.571 [14.50]
.
Weight, lbs [g]
0.03 [13.61]
Connector
Type
BNC Female
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Female Connector Crimp/Solder Attachment For 735A PE44688
PE44688
PE44688 REV
BNC Female Connector Crimp/Solder Attachment For 735A


Similar Part No. - PE44688

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4468 PASTERNACK-PE4468 Datasheet
257Kb / 3P
TNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4468 PASTERNACK-PE4468 Datasheet
349Kb / 3P
TNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment
PE44686 PASTERNACK-PE44686 Datasheet
834Kb / 3P
BNC Male Connector Crimp-Solder Attachment For 735A
PE44687 PASTERNACK-PE44687 Datasheet
284Kb / 3P
75 Ohm BNC Female Bulkhead Connector Crimp - Solder Attachment For 735A, .480 inch D Hole
PE4468 PASTERNACK-PE4468_16 Datasheet
349Kb / 3P
TNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment
More results

Similar Description - PE44688

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4308 PASTERNACK-PE4308 Datasheet
246Kb / 2P
BNC Female Connector Crimp/Solder Attachment For RG59, RG62
PE4738 PASTERNACK-PE4738 Datasheet
207Kb / 2P
RP BNC Female Connector Crimp/Solder Attachment For RG58
PE4070 PASTERNACK-PE4070 Datasheet
260Kb / 2P
BNC Female Connector Crimp/Solder Attachment For RG58
PE44686 PASTERNACK-PE44686 Datasheet
834Kb / 3P
BNC Male Connector Crimp-Solder Attachment For 735A
PE44687 PASTERNACK-PE44687 Datasheet
284Kb / 3P
75 Ohm BNC Female Bulkhead Connector Crimp - Solder Attachment For 735A, .480 inch D Hole
PE4614 PASTERNACK-PE4614_16 Datasheet
353Kb / 3P
75 Ohm BNC Female Connector Crimp/Solder Attachment
PE4070 PASTERNACK-PE4070_16 Datasheet
361Kb / 4P
BNC Female Connector Crimp/Solder Attachment
PE4079 PASTERNACK-PE4079_16 Datasheet
417Kb / 3P
BNC Female Connector Crimp/Solder Attachment
PE4209 PASTERNACK-PE4209_16 Datasheet
361Kb / 3P
BNC Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4308 PASTERNACK-PE4308_16 Datasheet
357Kb / 3P
BNC Female Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com