Electronic Components Datasheet Search
  English  ▼

X  

PE44783 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44783
Description  1.0-2.3 Plug Right Angle Connector Crimp-Solder Attachment For RG316-DS, RG188-DS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44783 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44783 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44783 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44783 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
1.0/2.3 Plug Right Angle Connector Crimp/Solder Attachment For RG316-DS, RG188-DS
Configuration
Connector
1.0/2.3 Plug
Connector Interface Type
RG316-DS,RG188-DS
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.785 [19.94]
Width/Dia., in [mm]
0.3 [7.62]
Height, in [mm]
0.618 [15.7]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
1.0/2.3 Plug
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1.0/2.3 Plug Right Angle Connector Crimp/Solder Attachment For RG316-DS, RG188-DS
PE44783
PE44783
PE44783 REV
1.0/2.3 Plug Right Angle Connector Crimp/Solder
Attachment For RG316-DS, RG188-DS


Similar Part No. - PE44783

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4478 PASTERNACK-PE4478 Datasheet
107Kb / 1P
HN MALE CRIMP ATTACHMENT FOR RG58
PE44780 PASTERNACK-PE44780 Datasheet
251Kb / 3P
SMP Male Hermetically Sealed Connector Solder Attachment Thru Hole PCB, Up To 8 GHz
PE44784 PASTERNACK-PE44784 Datasheet
300Kb / 3P
MMCX Plug Right Angle Connector Crimp - Solder Attachment For RG316-DS
PE44785 PASTERNACK-PE44785 Datasheet
331Kb / 3P
SMP Female Precision Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44786 PASTERNACK-PE44786 Datasheet
479Kb / 2P
SMP Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405/U
More results

Similar Description - PE44783

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4879 PASTERNACK-PE4879 Datasheet
94Kb / 1P
MCX PLUG RIGHT ANGLE CRIMP ATTACHMENT FOR RG188-DS & RG316-DS
PE45164 PASTERNACK-PE45164 Datasheet
391Kb / 2P
Banana Plug Connector Crimp-Solder Attachment for RG188-DS, RG316-DS
PE45166 PASTERNACK-PE45166 Datasheet
342Kb / 3P
1.0-2.3 Plug Connector Crimp-Solder Attachment for RG188-DS, RG316-DS
PE45190 PASTERNACK-PE45190 Datasheet
357Kb / 3P
MMCX Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE44818 PASTERNACK-PE44818 Datasheet
289Kb / 3P
SMB Plug Right Angle Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PE44876 PASTERNACK-PE44876 Datasheet
241Kb / 3P
SMC Plug Right Angle Connector Crimp - Solder Attachment For RG316-DS, RG188-DS
PE45155 PASTERNACK-PE45155 Datasheet
356Kb / 3P
SMC Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45162 PASTERNACK-PE45162 Datasheet
365Kb / 3P
SSMB Plug Right Angle Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45369 PASTERNACK-PE45369 Datasheet
386Kb / 5P
SSMC Plug Connector Crimp/Solder Attachment for RG188-DS, RG316-DS
PE45383 PASTERNACK-PE45383 Datasheet
378Kb / 5P
SSMC Plug Right Angle Connector Crimp/Solder Attachment for RG316-DS, RG188-DS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com