Electronic Components Datasheet Search
  English  ▼

X  

PE44887 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44887
Description  BNC Female Connector Clamp/Solder Attachment 4 Hole Flange Mount for RG316, RG188, RG174 IP 67 Rated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44887 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44887 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44887 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44887 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
BNC Female
Connector Specification
MIL-STD-348
Connector Interface Type
RG316, RG188, RG174
Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Frequency Range
DC to 2 GHz
Impedance
50 Ohms
Mechanical Specifications
Size
Length
1.13 in [28.7 mm]
Width/Dia.
0.7 in [17.78 mm]
.
Connector
Type
BNC Female
Contact Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Female Connector Clamp/Solder Attachment 4 Hole Flange Mount for RG316, RG188,
RG174 IP 67 Rated PE44887
PE44887
PE44887 REV 1.0
BNC Female Connector Clamp/Solder Attachment 4 Hole
Flange Mount for RG316, RG188, RG174 IP 67 Rated


Similar Part No. - PE44887

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4488 PASTERNACK-PE4488 Datasheet
870Kb / 2P
N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch Diameter
PE4488 PASTERNACK-PE4488 Datasheet
346Kb / 3P
N Female Bulkhead Mount Connector Solder Attachment
PE44880 PASTERNACK-PE44880 Datasheet
255Kb / 3P
SMP Male Full Detent Connector Solder Attachment End Launch PCB, Up To 8 GHz
PE44886 PASTERNACK-PE44886 Datasheet
395Kb / 2P
Standard BNC Female Bulkhead Mount Connector Clamp - Solder Attachment for RG316-DS, RG188-DS IP 67 Rated
PE44888 PASTERNACK-PE44888 Datasheet
418Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Mount for PE-047SR, PE-SR047FL, PE-SR047AL IP 68 Rated
More results

Similar Description - PE44887

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4034 PASTERNACK-PE4034 Datasheet
223Kb / 3P
SMA Female Connector Clamp/Solder Attachment 4 Hole Flange For RG316, RG174, RG188, .340 inch Hole Spacing
PE4030 PASTERNACK-PE4030 Datasheet
256Kb / 2P
SMA Female Connector Clamp/Solder Attachment For RG316, RG174, RG188
PE4741 PASTERNACK-PE4741 Datasheet
103Kb / 1P
REVERSE POLARITY BNC FEMALE CLAMP ATTACHMENT FOR RG174 RG188 & RG316
PE4319 PASTERNACK-PE4319 Datasheet
91Kb / 1P
BNC FEMALE BULKHEAD CLAMP ATTACHMENT FOR RG174 RG188 & RG316
PE44363 PASTERNACK-PE44363 Datasheet
306Kb / 2P
10-32 Female Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE4079 PASTERNACK-PE4079 Datasheet
281Kb / 3P
BNC Female Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4084 PASTERNACK-PE4084 Datasheet
293Kb / 3P
BNC Male Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE4719 PASTERNACK-PE4719 Datasheet
218Kb / 2P
RP BNC Male Connector Clamp-Solder Attachment For RG174, RG316, RG188
PE44886 PASTERNACK-PE44886 Datasheet
395Kb / 2P
Standard BNC Female Bulkhead Mount Connector Clamp - Solder Attachment for RG316-DS, RG188-DS IP 67 Rated
PE44901 PASTERNACK-PE44901 Datasheet
440Kb / 3P
TNC Female Connector Clamp - Solder Attachment 4 Hole Flange Mount for RG316 - u, RG174A - U, LMR-100 IP 67 Rated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com