Electronic Components Datasheet Search
  English  ▼

X  

PE44889 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44889
Description  BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Eyelet Terminal IP 67 Rated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44889 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44889 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44889 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44889 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
BNC Female
Connector Specification
MIL-STD-348
Connector Interface Type
Eyelet
Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Isolated Ground / Hermetic
Hermetically Sealed
Electrical Specifications
Impedance
50 Ohms
Dielectric Withstanding Voltage
1,500 Vrms
Mechanical Specifications
Temperature
Operating Range
-65 to +165 deg C
Size
Length
1.2 in [30.48 mm]
Width/Dia.
0.6 in [15.24 mm]
.
Connector
Type
BNC Female
Mating Cycles
500
Contact Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Silver
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Eyelet Ter-
minal IP 67 Rated PE44889
PE44889
PE44889 REV 1.0
BNC Female Bulkhead Mount Hermetically Sealed Connector
Solder Attachment Eyelet Terminal IP 67 Rated


Similar Part No. - PE44889

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4488 PASTERNACK-PE4488 Datasheet
870Kb / 2P
N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch Diameter
PE4488 PASTERNACK-PE4488 Datasheet
346Kb / 3P
N Female Bulkhead Mount Connector Solder Attachment
PE44880 PASTERNACK-PE44880 Datasheet
255Kb / 3P
SMP Male Full Detent Connector Solder Attachment End Launch PCB, Up To 8 GHz
PE44886 PASTERNACK-PE44886 Datasheet
395Kb / 2P
Standard BNC Female Bulkhead Mount Connector Clamp - Solder Attachment for RG316-DS, RG188-DS IP 67 Rated
PE44887 PASTERNACK-PE44887 Datasheet
385Kb / 3P
BNC Female Connector Clamp/Solder Attachment 4 Hole Flange Mount for RG316, RG188, RG174 IP 67 Rated
More results

Similar Description - PE44889

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4469 PASTERNACK-PE4469 Datasheet
216Kb / 2P
TNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Eyelet Terminal, .480 inch D Hole
PE44886 PASTERNACK-PE44886 Datasheet
395Kb / 2P
Standard BNC Female Bulkhead Mount Connector Clamp - Solder Attachment for RG316-DS, RG188-DS IP 67 Rated
PE44890 PASTERNACK-PE44890 Datasheet
368Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Eyelet Terminal IP 67 Rated
PE44891 PASTERNACK-PE44891 Datasheet
379Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Eyelet Terminal IP 67 Rated
PE4980 PASTERNACK-PE4980 Datasheet
238Kb / 2P
SC Female Bulkhead Hermetically Sealed Connector Solder Attachment Eyelet Terminal, .655 inch D Hole
PE4530 PASTERNACK-PE4530 Datasheet
383Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Stub Terminal, .250 inch Diameter Front Mount IP 67 Rated
PE44894 PASTERNACK-PE44894 Datasheet
389Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment Edge Mount PCB IP 67 Rated
PE4049 PASTERNACK-PE4049_17 Datasheet
358Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Turret Terminal
PE4077 PASTERNACK-PE4077_16 Datasheet
352Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Spade Terminal
PE4311 PASTERNACK-PE4311_16 Datasheet
319Kb / 3P
MHV Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com