Electronic Components Datasheet Search
  English  ▼

X  

ML4826 Datasheet(PDF) 11 Page - Micro Linear Corporation

Part # ML4826
Description  PFC and Dual Output PWM Controller Combo
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4826 Datasheet(HTML) 11 Page - Micro Linear Corporation

Back Button ML4826 Datasheet HTML 7Page - Micro Linear Corporation ML4826 Datasheet HTML 8Page - Micro Linear Corporation ML4826 Datasheet HTML 9Page - Micro Linear Corporation ML4826 Datasheet HTML 10Page - Micro Linear Corporation ML4826 Datasheet HTML 11Page - Micro Linear Corporation ML4826 Datasheet HTML 12Page - Micro Linear Corporation ML4826 Datasheet HTML 13Page - Micro Linear Corporation ML4826 Datasheet HTML 14Page - Micro Linear Corporation ML4826 Datasheet HTML 15Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ML4826
11
Volts peak. The composite waveform feeding the RAMP2
pin for the PWM consists of the reflected output current
signal along with the transformer magnetizing current and
the slope compensation signal.
Equation 8 describes the composite signal feeding
RAMP2, consisting of the primary current of the main
transformer and the slope compensation. Equation 9
solves for the required slope compensation peak voltage.
VI
V
L
N
N
T
n
VV
RAMP
PRI
OUT
S
P
S
CT
FB
2
1
2
1
15
=+ ×
×
×
×≤
–.
(8)
V
V
L
N
N
T
R
n
V
H
V
SC
OUT
S
P
S
SENSE
CT
=×
×
×
×= ×
×
×
=
1
2
1
2
48
20
14
90
5
471
200
22
µ
µsec
.
Ω
(9)
Soft Start
Start-up of the PWM is controlled by the selection of the
external capacitor at SS. A current source of 50
µA supplies
the charging current for the capacitor, and start-up of the
PWM begins at 1.5V. Start-up delay can be programmed
by the following equation:
Ct
A
V
SS
DELAY
=× 50
15
µ
.
(10)
where CSS is the required soft start capacitance, and
tDELAY is the desired start-up delay.
It is important that the time constant of the PWM soft-start
allow the PFC time to generate sufficient output power for
the PWM section. The PWM start-up delay should be at
least 5ms.
Solving for the minimum value of CSS:
Cms
A
V
nF
SS =×
=
5
50
15
167
µ
.
(11)
VCC
The ML4826 is a current-fed part. It has an internal shunt
voltage regulator, which is designed to regulate the
voltage internal to the part at 13.5V. This allows a low
power dissipation while at the same time delivering 10V
of gate drive at the PWM OUT and PFC OUT outputs. It is
important to limit the current through the part to avoid
overheating or destroying the part.
There are a number of different ways to supply VCC to the
ML2826. The method suggested in Figure 5, is one which
keeps the ML4826 ICC current to a minimum, and allows
for a loosely regulated bootstrap winding. By feeding
external gate drive components from the base of Q1, the
constant current source does not have to account for
variations in the gate drive current. This helps to keep the
maximum ICC of the ML4826 to a minimum. Also, the
current available to charge the bootstrap capacitor from
the bootstrap winding is not limited by the constant
–
+
–
+
VCC
VREF
PWM CMP
DC ILIMIT
1V
1.5V
RTCT
R40
47.0k
Ω
R38
10.0k
Ω
R13
2.2k
Ω
RAMP2
AGND
DC ILIMIT
VDC
U2
R21
8.63k
Ω
Q14
2N2222
D1
R16
471
Ω
C11
1000pF
C26
220pF
T3
200:1
ISENSE
x Former
4 x IN4148
6
10
11
9
7
18
17
Figure 4. Slope Compensation and Current Sense
FUNCTIONAL DESCRIPTION (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com