Electronic Components Datasheet Search
  English  ▼

X  

PE45150 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE45150
Description  Standard BNC Female Connector Solder Attachment for PE-SR401FL, PE-SR401AL, RG401-U
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45150 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45150 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45150 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45150 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
•
Values at +25 °C, sea level
Standard BNC Female Connector Solder Attachment for PE-SR401FL, PE-SR401AL, RG401/U from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Standard BNC Female Connector Solder Attachment for PE-SR401FL, PE-SR401AL, RG401/U
PE45150
URL: http://www.pasternack.com/bnc-female-pe-sr401fl-pe-sr401al-rg401-u-connector-pe45150-p.aspx
PE45150
PE45150 REV 1.0
Standard BNC Female Connector Solder Attachment
for PE-SR401FL, PE-SR401AL, RG401/U



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com