Electronic Components Datasheet Search
  English  ▼

X  

ML4827 Datasheet(PDF) 11 Page - Micro Linear Corporation

Part # ML4827
Description  Fault-Protected PFC and PWM Controller Combo
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4827 Datasheet(HTML) 11 Page - Micro Linear Corporation

Back Button ML4827 Datasheet HTML 7Page - Micro Linear Corporation ML4827 Datasheet HTML 8Page - Micro Linear Corporation ML4827 Datasheet HTML 9Page - Micro Linear Corporation ML4827 Datasheet HTML 10Page - Micro Linear Corporation ML4827 Datasheet HTML 11Page - Micro Linear Corporation ML4827 Datasheet HTML 12Page - Micro Linear Corporation ML4827 Datasheet HTML 13Page - Micro Linear Corporation ML4827 Datasheet HTML 14Page - Micro Linear Corporation ML4827 Datasheet HTML 15Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ML4827
11
voltage for which the PWM output transistor must be
rated. Frequently, the design of the tranformer’s reset
winding, and/or of the output transistor’s snubbers or
clamps, require an additional voltage margin of 100V to
200V.
To put some numbers into the discussion, with a given
VBUSS(MAX) of 400V:
1. For
δ = 50%: VRESET = {[(1/fPWM) x δ]/[(1/fPWM) x
(1–
δ)]} x 400V = 0.50/0.50 x 400V = 400V
2. For
δ = 55%: VRESET = 0.55/0.45 x 400V = 489V
3. For
δ = 60%: VRESET = 0.60/0.40 x 400V = 600V
4. For
δ = 64% (Data Sheet Lower Limit Value): VRESET =
0.64/0.36 x 400V = 711V
5. For
δ = 70%: VRESET = 0.70/0.30 x 400V = 933V
6. For
δ = 74% (Data Sheet Upper Limit Value): VRESET =
0.74/0.26 x 400V = 1138V
It is economically desirable to design for the lowest
meaningful voltage on the output MOSFET. It is
simultaneously necessary to design the circuit to operate
FUNCTIONAL DESCRIPTION (Continued)
at the lowest guaranteed value for
δ, to ensure that the
magnetics will deliver full output power with any
individual ML4827. In actual operation, the choice of
δMIN = 60% will allow some tolerance for the timing
capacitors and resistors. A tolerance on (RRAMP2 x
CRAMP2) of ±2% is the simplest “brute force” way to
achieve the desired result. This should be combined with
an external duty cycle clamp. This protects the PWM
circuitry against the condition in which the output has
been shorted, and the error amplifier output (VDC) would
otherwise be driven to its upper rail. One method which
works well when the PWM is used in voltage mode is to
limit the maximum input to the PWM feedback voltage
(VDC). If the voltage available to this pin is derived from
the ML4827’s 7.5V VREF, it will be in close ratio to the
charging time of the RAMP2 capacitor. This will be true
whether the RAMP2 capacitor is charged from VREF, or, as
is more commonly done in voltage-mode applications,
from the output of the PFC Stage (the “feedforward”
configuration). Figure 3 shows such a duty cycle clamp.
If the ML4827-2’s PWM is to be used in a current-mode
design, the PWM stage will require slope compensation.
This can be done by any of the standard industry
techniques. Note that the ramp to use for this slope
compensation is the voltage on RAMP1.
RAMP2
VDC
VFB
PFC VBUSS
RFB1
RRAMP2
CRAMP2
RFB2
R1
PWM
ERROR
AMP
R2
VREF
δMAX =
VRAMP2 (PEAK)
R2 VREF
R1 + R2
Figure 3. ML4827- PWM Duty Cycle Clamp for Voltage-Made Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com