Electronic Components Datasheet Search
  English  ▼

X  

PE91078 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91078
Description  Precision SMA Female to ZMA Plug Adapter 4 Lug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91078 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91078 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91078 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91078 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Precision SMA Female to ZMA Plug Adapter 4 Lug
Pasternack’s ZMA Adapters use a clocked bayonet-style mating method suitable for applications requiring robust
mechanical connections, such as high vibration and high coupling force environments. This line of ZMA adapters is
designed for limited space applications requiring superb RF performance up to 18GHz and offer VSWR as low as 1.15:1.
ZMA’s 3-Lug or 4-Lug designs can be mated by hand with one-third or one-quarter turn, respectively -no special tooling
is required.
• Availablein18GHzSMA-ZMAConfigurations
• 3-Lug or 4-Lug Options Available
• Passivated Stainless Steel Bodies with Gold Plated Center Contacts
• VSWR as low as 1.15
• Bayonet Style Interface decreases mechanical deterioration in heavy-use test environments
Configuration
Connector 1
SMA Female
Impedance 1
50 Ohms
Connector 2
ZMA Plug
Impedance 2
50 Ohms
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 18
Maximum VSWR
1.15:1
Maximum Insertion Loss, dB
0.21
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +100
Size
Length, in [mm]
0.983 [24.97]
.
Connector 1
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
InnerConductorPlatingSpecification
MIL-G-45204
Outer Conductor Material and Plating
Passivated Stainless Steel
OuterConductorPlatingSpecification
ASTMA380
Body Material and Plating
Passivated Stainless Steel
BodyPlatingSpecification
ASTMA380
Dielectric Type
PTFE
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: Precision SMA Female to ZMA Plug Adapter 4 Lug PE91078
PE91078
PE91078 REV 1.1
Precision SMA Female to ZMA Plug Adapter 4 Lug


Similar Part No. - PE91078

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9107 PASTERNACK-PE9107 Datasheet
75Kb / 2P
BNC MALE TO UHF FEMALE
PE91070 PASTERNACK-PE91070 Datasheet
243Kb / 3P
Precision 2.92mm Male to 2.92mm Female Radius Right Angle Adapter Up To 40GHz
PE91072 PASTERNACK-PE91072 Datasheet
249Kb / 3P
SMP Female to SMP Female Adapter .370 Special Length
PE91073 PASTERNACK-PE91073 Datasheet
258Kb / 3P
TNC Female to SMP Male Push-On Bulkhead Adapter Limited Detent
PE91074 PASTERNACK-PE91074 Datasheet
246Kb / 3P
Precision SMA Female to ZMA Jack Adapter 3 Lug
More results

Similar Description - PE91078

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9442 PASTERNACK-PE9442 Datasheet
248Kb / 2P
Precision SMA Female to TNC Female Adapter
PE9508 PASTERNACK-PE9508 Datasheet
254Kb / 3P
Precision SMA Female to SMA Female Bulkhead Adapter
PE9729 PASTERNACK-PE9729 Datasheet
254Kb / 2P
Precision SMA Female to 1.85mm Female Adapter
PE9779 PASTERNACK-PE9779 Datasheet
247Kb / 2P
Precision SMA Female to SMP Female Adapter
PE9508 PASTERNACK-PE9508 Datasheet
254Kb / 3P
Precision SMA Female to SMA Female Bulkhead Adapter
PE91074 PASTERNACK-PE91074 Datasheet
246Kb / 3P
Precision SMA Female to ZMA Jack Adapter 3 Lug
PE91075 PASTERNACK-PE91075 Datasheet
249Kb / 3P
Precision SMA Female to ZMA Plug Adapter 3 Lug
PE91076 PASTERNACK-PE91076 Datasheet
247Kb / 3P
Precision SMA Male to ZMA Jack Adapter 3 Lug
PE91077 PASTERNACK-PE91077 Datasheet
246Kb / 3P
Precision SMA Female to ZMA Jack Adapter 4 Lug
PE91079 PASTERNACK-PE91079 Datasheet
247Kb / 3P
Precision SMA Male to ZMA Jack Adapter 4 Lug
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com