Electronic Components Datasheet Search
  English  ▼

X  

PE91103 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91103
Description  Precision SMA Male to Mini SMP Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91103 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91103 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91103 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91103 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Precision SMA Male to Mini SMP Female Adapter
Configuration
Connector 1
SMA Male
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348
Connector 2
Mini SMP Female
Impedance 2
50 Ohms
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 26.5
Maximum VSWR
1.2:1
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +125
Size
Length, in [mm]
0.754 [19.15]
Width/Dia., in [mm]
0.312 [7.92]
.
Weight, lbs [g]
0.008 [3.63]
Connector 1
Type
SMA Male
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, Inch
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Connector 2
Type
Mini SMP Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Outer Conductor Material and Plating
Beryllium Copper
Body Material and Plating
Beryllium Copper
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision SMA Male to Mini SMP Female Adapter PE91103
PE91103
PE91103 REV 1.0
Precision SMA Male to Mini SMP Female Adapter


Similar Part No. - PE91103

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9110 PASTERNACK-PE9110 Datasheet
236Kb / 2P
TNC Male to BNC Male Adapter
PE91101 PASTERNACK-PE91101 Datasheet
491Kb / 3P
SMP Female to SMP Female Adapter .374 Special Length
PE91102 PASTERNACK-PE91102 Datasheet
495Kb / 3P
SMP Female to SMP Female Adapter .377 Special Length
PE91104 PASTERNACK-PE91104 Datasheet
251Kb / 3P
BNC Male to BNC Triax Female Adapter
PE91105 PASTERNACK-PE91105 Datasheet
434Kb / 4P
Bulkhead Mount Isolated Ground BNC Triax Female to BNC Triax Female Adapter
More results

Similar Description - PE91103

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9778 PASTERNACK-PE9778 Datasheet
109Kb / 1P
SMP MALE TO SMA FEMALE PRECISION ADAPTER
PE9779 PASTERNACK-PE9779 Datasheet
247Kb / 2P
Precision SMA Female to SMP Female Adapter
PE91051 PASTERNACK-PE91051 Datasheet
452Kb / 3P
Precision SMA Female to Mini SMP Female Adapter
PE91052 PASTERNACK-PE91052 Datasheet
450Kb / 3P
Precision SMA Male to Mini SMP Male Adapter Full Detent
PE91056 PASTERNACK-PE91056 Datasheet
447Kb / 3P
Precision SMA Female to SMP Male Adapter Full Detent
PE91062 PASTERNACK-PE91062 Datasheet
458Kb / 3P
Precision SMA Male to Mini SMP Female Adapter
PE91064 PASTERNACK-PE91064 Datasheet
455Kb / 3P
Precision SMA Female to SMP Female Adapter
PE91069 PASTERNACK-PE91069 Datasheet
458Kb / 3P
Precision Mini SMP Female to Mini SMP Female Adapter
PE91301 PASTERNACK-PE91301 Datasheet
355Kb / 3P
SMA Female to Mini SMP Female Adapter
PE91304 PASTERNACK-PE91304 Datasheet
362Kb / 3P
SMA Male to Mini SMP Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com