Electronic Components Datasheet Search
  English  ▼

X  

PE91123 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91123
Description  2.4mm Female to Mini SMP Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91123 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91123 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91123 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91123 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
2.4mm Female
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-34B
Connector 2
Mini SMP Female
Impedance 2
50 Ohms
Connector Specification 2
MIL-STD-34B
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 50
Maximum VSWR
1.25:1
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +125
Size
Length, in [mm]
0.834 [21.18]
Width/Dia., in [mm]
0.25 [6.35]
.
Connector 1
Type
2.4mm Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type 1, Grade C, Class 1
Outer Conductor Material and Plating
Beryllium Copper, Gold
Outer Conductor Plating Specification
MIL-G-45204, Type 1, Grade C, Class 1
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204, Type 1, Grade C, Class 1
Dielectric Type
PTFE
Connector 2
Type
Mini SMP Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type 1, Grade C, Class 1
Outer Conductor Material and Plating
Beryllium Copper, Gold
Outer Conductor Plating Specification
MIL-G-45204, Type 1, Grade C, Class 1
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204, Type 1, Grade C, Class 1
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.4mm Female to Mini SMP Female Adapter PE91123
PE91123
PE91123 REV 1.1
2.4mm Female to Mini SMP Female Adapter


Similar Part No. - PE91123

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9112 PASTERNACK-PE9112 Datasheet
246Kb / 3P
N Female to UHF Male Adapter
PE9112 PASTERNACK-PE9112 Datasheet
246Kb / 3P
N Female to UHF Male Adapter
PE91120 PASTERNACK-PE91120 Datasheet
376Kb / 3P
2.4mm Male to Mini SMP Female Adapter
PE91121 PASTERNACK-PE91121 Datasheet
375Kb / 3P
2.4mm Male to Mini SMP Male Adapter Full Detent
PE91122 PASTERNACK-PE91122 Datasheet
262Kb / 3P
2.4mm Female to Mini SMP Male Adapter Full Detent
More results

Similar Description - PE91123

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9453 PASTERNACK-PE9453 Datasheet
238Kb / 3P
Precision 2.4mm Female to 2.4mm Female Adapter
PE9780 PASTERNACK-PE9780 Datasheet
258Kb / 3P
Mini SMP Female to Mini SMP Female Adapter
PE91051 PASTERNACK-PE91051 Datasheet
452Kb / 3P
Precision SMA Female to Mini SMP Female Adapter
PE91055 PASTERNACK-PE91055 Datasheet
458Kb / 3P
Precision 2.4mm Female to SMP Female Adapter
PE91065 PASTERNACK-PE91065 Datasheet
745Kb / 3P
Precision SMP Female to SMP Female Adapter
PE91069 PASTERNACK-PE91069 Datasheet
458Kb / 3P
Precision Mini SMP Female to Mini SMP Female Adapter
logo
List of Unclassifed Man...
P617 ETC2-P617 Datasheet
149Kb / 1P
SMP FEMALE TO SMP FEMALE STRAIGHT ADAPTER
logo
Pasternack Enterprises,...
PE91120 PASTERNACK-PE91120 Datasheet
376Kb / 3P
2.4mm Male to Mini SMP Female Adapter
PE91122 PASTERNACK-PE91122 Datasheet
262Kb / 3P
2.4mm Female to Mini SMP Male Adapter Full Detent
PE91301 PASTERNACK-PE91301 Datasheet
355Kb / 3P
SMA Female to Mini SMP Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com