Electronic Components Datasheet Search
  English  ▼

X  

PE91124 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91124
Description  2.92mm Male to Mini SMP Male Adapter Full Detent
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91124 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91124 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91124 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91124 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
2.92mm Male
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348
Connector 2
Mini SMP Male
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 40
Maximum VSWR
1.25:1
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +125
Size
Length, in [mm]
0.913 [23.19]
Width/Dia., in [mm]
0.312 [7.92]
.
Connector 1
Type
2.92mm Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type 1, Grade C, Class 1
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
AMS-QQ-P-35
Hex Size, Inch
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204, Type 1, Grade C, Class 1
Dielectric Type
PTFE
Connector 2
Type
Mini SMP Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type 1, Grade C, Class 1
Outer Conductor Material and Plating
Passivated Stainless Steel
Outer Conductor Plating Specification
AMS-QQ-P-35
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
AMS-QQ-P-35
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.92mm Male to Mini SMP Male Adapter Full Detent PE91124
PE91124
PE91124 REV 1.0
2.92mm Male to Mini SMP Male Adapter Full Detent


Similar Part No. - PE91124

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9112 PASTERNACK-PE9112 Datasheet
246Kb / 3P
N Female to UHF Male Adapter
PE9112 PASTERNACK-PE9112 Datasheet
246Kb / 3P
N Female to UHF Male Adapter
PE91120 PASTERNACK-PE91120 Datasheet
376Kb / 3P
2.4mm Male to Mini SMP Female Adapter
PE91121 PASTERNACK-PE91121 Datasheet
375Kb / 3P
2.4mm Male to Mini SMP Male Adapter Full Detent
PE91122 PASTERNACK-PE91122 Datasheet
262Kb / 3P
2.4mm Female to Mini SMP Male Adapter Full Detent
More results

Similar Description - PE91124

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91052 PASTERNACK-PE91052 Datasheet
450Kb / 3P
Precision SMA Male to Mini SMP Male Adapter Full Detent
PE91063 PASTERNACK-PE91063 Datasheet
453Kb / 3P
Precision SMA Male to SMP Male Adapter Full Detent
PE91121 PASTERNACK-PE91121 Datasheet
375Kb / 3P
2.4mm Male to Mini SMP Male Adapter Full Detent
PE91122 PASTERNACK-PE91122 Datasheet
262Kb / 3P
2.4mm Female to Mini SMP Male Adapter Full Detent
PE91126 PASTERNACK-PE91126 Datasheet
378Kb / 3P
2.92mm Male to Mini SMP Female Adapter
PE91127 PASTERNACK-PE91127 Datasheet
345Kb / 3P
2.92mm Female to Mini SMP Male Adapter Full Detent
PE91129 PASTERNACK-PE91129 Datasheet
376Kb / 3P
SMA Female to Mini SMP Male Adapter Full Detent
PE91299 PASTERNACK-PE91299 Datasheet
355Kb / 3P
SMA Female to Mini SMP Male Full Detent Adapter
PE91302 PASTERNACK-PE91302 Datasheet
330Kb / 3P
SMA Male to Mini SMP Male Full Detent Adapter
PE91309 PASTERNACK-PE91309 Datasheet
327Kb / 3P
SMA Male to SMP Male Full Detent Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com