Electronic Components Datasheet Search
  English  ▼

X  

PE91126 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91126
Description  2.92mm Male to Mini SMP Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91126 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91126 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91126 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91126 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
2.92mm Male
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348
Connector 2
Mini SMP Female
Impedance 2
50 Ohms
Connector Specification 2
MIL-STD-34B
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 40
Maximum VSWR
1.25:1
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +125
Size
Length, in [mm]
0.83 [21.08]
Width/Dia., in [mm]
0.312 [7.92]
.
Connector 1
Type
2.92mm Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type 1, Grade C, Class 1
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
AMS-QQ-P-35
Hex Size, Inch
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204, Type 1, Grade C, Class 1
Dielectric Type
PTFE
Connector 2
Type
Mini SMP Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type 1, Grade C, Class 1
Outer Conductor Material and Plating
Beryllium Copper, Gold
Outer Conductor Plating Specification
MIL-G-45204, Type 1, Grade C, Class 1
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204, Type 1, Grade C, Class 1
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.92mm Male to Mini SMP Female Adapter PE91126
PE91126
PE91126 REV 1.0
2.92mm Male to Mini SMP Female Adapter


Similar Part No. - PE91126

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9112 PASTERNACK-PE9112 Datasheet
246Kb / 3P
N Female to UHF Male Adapter
PE9112 PASTERNACK-PE9112 Datasheet
246Kb / 3P
N Female to UHF Male Adapter
PE91120 PASTERNACK-PE91120 Datasheet
376Kb / 3P
2.4mm Male to Mini SMP Female Adapter
PE91121 PASTERNACK-PE91121 Datasheet
375Kb / 3P
2.4mm Male to Mini SMP Male Adapter Full Detent
PE91122 PASTERNACK-PE91122 Datasheet
262Kb / 3P
2.4mm Female to Mini SMP Male Adapter Full Detent
More results

Similar Description - PE91126

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9780 PASTERNACK-PE9780 Datasheet
258Kb / 3P
Mini SMP Female to Mini SMP Female Adapter
PE9781 PASTERNACK-PE9781 Datasheet
113Kb / 1P
MINI SMP MALE TO 2.92mm FEMALE
PE9782 PASTERNACK-PE9782 Datasheet
212Kb / 1P
2.92mm FEMALE TO MINI SMP FEMALE
PE91060 PASTERNACK-PE91060 Datasheet
456Kb / 3P
Precision 2.92mm Female to SMP Female Adapter
PE91120 PASTERNACK-PE91120 Datasheet
376Kb / 3P
2.4mm Male to Mini SMP Female Adapter
PE91124 PASTERNACK-PE91124 Datasheet
377Kb / 3P
2.92mm Male to Mini SMP Male Adapter Full Detent
PE91125 PASTERNACK-PE91125 Datasheet
377Kb / 3P
2.92mm Male to Mini SMP Male Adapter Smooth Bore
PE91127 PASTERNACK-PE91127 Datasheet
345Kb / 3P
2.92mm Female to Mini SMP Male Adapter Full Detent
PE91128 PASTERNACK-PE91128 Datasheet
260Kb / 3P
2.92mm Female to Mini SMP Male Adapter Smooth Bore
PE91304 PASTERNACK-PE91304 Datasheet
362Kb / 3P
SMA Male to Mini SMP Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com