Electronic Components Datasheet Search
  English  ▼

X  

PE91128 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91128
Description  2.92mm Female to Mini SMP Male Adapter Smooth Bore
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91128 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91128 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91128 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91128 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
2.92mm Female to Mini SMP Male Adapter Smooth Bore
Configuration
Connector 1
2.92mm Female
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-34B
Connector 2
Mini SMP Male
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 40
Maximum VSWR
1.25:1
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +125
Size
Length, in [mm]
0.913 [23.19]
Width/Dia., in [mm]
0.312 [7.92]
.
Connector 1
Type
2.92mm Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type 1, Grade C, Class 1
Outer Conductor Material and Plating
Beryllium Copper, Gold
Outer Conductor Plating Specification
MIL-G-45204, Type 1, Grade C, Class 1
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204, Type 1, Grade C, Class 1
Dielectric Type
PTFE
Connector 2
Type
Mini SMP Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type 1, Grade C, Class 1
Outer Conductor Material and Plating
Passivated Stainless Steel
Outer Conductor Plating Specification
AMS-QQ-P-35
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
AMS-QQ-P-35
Dielectric Type
PTFE
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.92mm Female to Mini SMP Male Adapter Smooth Bore PE91128
PE91128
PE91128 REV 1.0
2.92mm Female to Mini SMP Male Adapter Smooth Bore


Similar Part No. - PE91128

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9112 PASTERNACK-PE9112 Datasheet
246Kb / 3P
N Female to UHF Male Adapter
PE9112 PASTERNACK-PE9112 Datasheet
246Kb / 3P
N Female to UHF Male Adapter
PE91120 PASTERNACK-PE91120 Datasheet
376Kb / 3P
2.4mm Male to Mini SMP Female Adapter
PE91121 PASTERNACK-PE91121 Datasheet
375Kb / 3P
2.4mm Male to Mini SMP Male Adapter Full Detent
PE91122 PASTERNACK-PE91122 Datasheet
262Kb / 3P
2.4mm Female to Mini SMP Male Adapter Full Detent
More results

Similar Description - PE91128

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9781 PASTERNACK-PE9781 Datasheet
113Kb / 1P
MINI SMP MALE TO 2.92mm FEMALE
PE91049 PASTERNACK-PE91049 Datasheet
448Kb / 3P
Precision SMA Female to SMP Male Adapter Smooth Bore
PE91061 PASTERNACK-PE91061 Datasheet
460Kb / 3P
Precision SMA Female to SMP Male 2 Hole Flange Adapter Smooth Bore
PE91125 PASTERNACK-PE91125 Datasheet
377Kb / 3P
2.92mm Male to Mini SMP Male Adapter Smooth Bore
PE91126 PASTERNACK-PE91126 Datasheet
378Kb / 3P
2.92mm Male to Mini SMP Female Adapter
PE91127 PASTERNACK-PE91127 Datasheet
345Kb / 3P
2.92mm Female to Mini SMP Male Adapter Full Detent
PE91300 PASTERNACK-PE91300 Datasheet
324Kb / 3P
SMA Female to Mini SMP Male Smooth Bore Adapter
PE91303 PASTERNACK-PE91303 Datasheet
329Kb / 3P
SMA Male to Mini SMP Male Smooth Bore Adapter
PE91307 PASTERNACK-PE91307 Datasheet
327Kb / 3P
SMA Female to SMP Male Smooth Bore Adapter
PE91311 PASTERNACK-PE91311 Datasheet
325Kb / 3P
SMA Male to SMP Male Smooth Bore Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com