Electronic Components Datasheet Search
  English  ▼

X  

ML4836 Datasheet(PDF) 11 Page - Micro Linear Corporation

Part # ML4836
Description  Compact Fluorescent Electronic Dimming Ballast Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4836 Datasheet(HTML) 11 Page - Micro Linear Corporation

Back Button ML4836 Datasheet HTML 7Page - Micro Linear Corporation ML4836 Datasheet HTML 8Page - Micro Linear Corporation ML4836 Datasheet HTML 9Page - Micro Linear Corporation ML4836 Datasheet HTML 10Page - Micro Linear Corporation ML4836 Datasheet HTML 11Page - Micro Linear Corporation ML4836 Datasheet HTML 12Page - Micro Linear Corporation ML4836 Datasheet HTML 13Page - Micro Linear Corporation ML4836 Datasheet HTML 14Page - Micro Linear Corporation ML4836 Datasheet HTML 15Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ML4836
11
FUNCTIONAL DESCRIPTION (Continued)
After cathode heating, the inverter frequency drops to
FSTART causing a high voltage to appear to ignite the lamp.
If lamp current is not detected when the lamp is supposed
to have ignited, the CX charging current is shut off and the
inverter is inhibited until CX is discharged by RX to the
1.25V threshold. Shutting off the inverter in this manner
prevents the inverter from generating excessive heat when
the lamp fails to strike or is out of socket. Typically this
time is set to be fairly long by choosing a large value of
RX.
LFB OUT is ignored by the oscillator until INTERRUPT is
above 1.20V The CX pin is clamped to about 7.5V.
Care should also be taken not to turn on the VCCZ clamp
so as not to dissipate excessive power in the IC. This will
cause the temp sensor to become active at a lower
ambient temperature.
A summary of the operating frequencies in the various
operating modes is shown below.
OPERATING MODE
OPERATING FREQUENCY
[F(MAX) to F(MIN)]
Preheat
2
After
Preheat
F(START)
Dimming
Control
F(MIN) to F(MAX)
Figure10. Lamp Starting and Restart Timing
6.75
7.5
4.75
1.25
.7
0
RX/CX
HEAT
LEA_ENB OR
DIMMING LOCKOUT
INTERRUPT
INHIBIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com