Electronic Components Datasheet Search
  English  ▼

X  

ML4877 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4877
Description  LCD Desktop Backlight Lamp Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4877 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4877 Datasheet HTML 1Page - Micro Linear Corporation ML4877 Datasheet HTML 2Page - Micro Linear Corporation ML4877 Datasheet HTML 3Page - Micro Linear Corporation ML4877 Datasheet HTML 4Page - Micro Linear Corporation ML4877 Datasheet HTML 5Page - Micro Linear Corporation ML4877 Datasheet HTML 6Page - Micro Linear Corporation ML4877 Datasheet HTML 7Page - Micro Linear Corporation ML4877 Datasheet HTML 8Page - Micro Linear Corporation ML4877 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
JULY 2000
ML4877*
LCD Desktop Backlight Lamp Driver
1
GENERAL DESCRIPTION
The ML4877 is an ideal solution for driving multiple cold
cathode fluorescent tubes (CCFL) used in liquid crystal
display (LCD) backlight applications. It provides dimming
ballast control for the LCD display.
By utilizing differential drive the ML4877 can deliver the
same light output with significantly less input power
compared to existing single ended drive schemes.
Improvements as high as 30% can be realized when using
low power lamps and advanced LCD screen housings. This
increased light output is achieved because the differential
drive configuration is much less sensitive, and therefore
less power is wasted in the capacitive parasitics that exist
in the backlight housing. An additional benefit of this
configuration is an even distribution of light.
The IC includes an adjustable lamp out detect circuit that
latches the IC off when a lamp fault is detected. Also, the
unique architecture of the ML4877 allows the
development of a backlight system that will inherently
meet the UL requirements for safety.
The ML4877 is optimized for large LCD applications
applications where high efficiency is critical to maximize
battery life. The high efficiency is achieved by a resonant
scheme with zero voltage switching.
BLOCK DIAGRAM
FEATURES
s
Ideal for 30W inverter designs, 1 to 8 lamp design
s
PWM dimming capability
s
Backlight lamp driver with differential drive
s
Up to 30% lower power for same light output
s
Low standby current (<10µA)
s
Improved efficiency (
»95%)
s
Allows all N-channel MOSFET drive
s
Adjustable lamp out detect with latch
s
Resonant threshold detection and synchronous
rectification
s
Positive input for dimming control
LINEAR
REGULATOR
MASTER
BIAS
&
UVLO
12
5
13
VDD
VDD
AZR
15
+
–
VDD
10
B ON
19
B OFF
20
11
DR3
DR1
DR1
Q
QR
S
OSCILLATOR
CLK
9
–
+
–
+
3
7
T
Q
Q
14
16
DR2
DR2
L RTD
L GATE 1
L GATE 2
LEA–
SS CAP
CT
ON/OFF
VREF
HVDD
2
17
PGND
18
GND
1
4
RT
8
LEA OUT
0.5V
6
L ILIM
B SYNC OUT
–
+
RESONANT
THRESHOLD
DETECTOR
NEG
EDGE
DELAY
S
RQ
Q
ONE
SHOT
LEA+
SS
SS
* THIS PART IS END OF LIFE AS OF J
ULY 1, 2000
NEW!
30W CCFL
Inverter
Design


Similar Part No. - ML4877

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4870 MICRO-LINEAR-ML4870 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4870CS-3 MICRO-LINEAR-ML4870CS-3 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4870CS-5 MICRO-LINEAR-ML4870CS-5 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4870ES-3 MICRO-LINEAR-ML4870ES-3 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4870ES-5 MICRO-LINEAR-ML4870ES-5 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
More results

Similar Description - ML4877

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4876 MICRO-LINEAR-ML4876 Datasheet
174Kb / 9P
LCD Backlight Lamp Driver with Contrast
logo
Interpion semiconductor
DIT8545 INTERPION-DIT8545 Datasheet
188Kb / 8P
Ceratrans Driver for LCD Backlight
logo
Hitachi Semiconductor
INVC444 HITACHI-INVC444 Datasheet
97Kb / 1P
BACKLIGHT FOR LCD
logo
Allegro MicroSystems
A8507 ALLEGRO-A8507 Datasheet
600Kb / 16P
LED Backlight Driver for LCD Monitors and Televisions
A8512 ALLEGRO-A8512 Datasheet
612Kb / 18P
LED Backlight Driver for LCD Monitors and Televisions
logo
ams AG
AS3695A AMSCO-AS3695A Datasheet
2Mb / 34P
16 channel white LED driver for LCD backlight
logo
Texas Instruments
LM36272 TI1-LM36272 Datasheet
695Kb / 9P
Integrated Backlight Driver With Integrated LCD Bias
LM36273 TI1-LM36273 Datasheet
695Kb / 9P
Integrated Backlight Driver With Integrated LCD Bias
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
Integrated Backlight Driver With Integrated LCD Bias
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com