Electronic Components Datasheet Search
  English  ▼

X  

BYC20 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BYC20
Description  RECTIFIER DIODE, HYPERFAST
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BYC20 Datasheet(HTML) 2 Page - Unisonic Technologies

  BYC20 Datasheet HTML 1Page - Unisonic Technologies BYC20 Datasheet HTML 2Page - Unisonic Technologies BYC20 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BYC20
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-027.c
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Peak Repetitive Reverse Voltage
VRRM
600
V
Crest Working Reverse Voltage
VRWM
600
V
Reverse Voltage
square-wave pulse; δ =1.0;
TTab ≤100°C
VR
500
V
Average Forward Current
square-wave pulse; δ =0.5;
TTab ≤93°C
IF(AV)
20
A
Repetitive Peak Forward
Current
square-wave pulse; δ =0.5;
tP = 25µs, TTab ≤93°C
IFRM
40
A
Non-Repetitive Peak Forward
Current
tP=10ms,sine-wave pulse;
IFSM
250
A
tP=8.3ms,sine-wave pulse;
274
A
Operating Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
60
K/W
Junction to Tab
θJB
1.2
K/W
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Forward Voltage
VF
IF =20A, TJ =150°C
1.54 1.97
V
IF =40A, TJ =150°C
1.95 2.34
V
IF =20A
1.89 2.9
V
Reverse Current
IR
VR=600V
16
200
µA
VR=500V, TJ=100°C
1.6
3.0
mA
Reverse Recovery Time
tRR
IF =1A, VR=30V, dIF/dt=50A/μs(Figure 1)
35
55
ns
IF=20A,VR=400V, dIF/dt=500A/μs
(Figure 1)
TJ=25°C
19
ns
TJ=100°C
32
40
ns
Peak Reverse Recovery Current
IRM
IF=20A,VR=400V,
TJ=125°C (Figure 1)
dIF/dt=50A/μs
3.0
7.5
A
dIF/dt=500A/μs
9.5
12
A
Forward Recovery Voltage
VFR
IF =20A, dIF/dt=100A/μs (Figure 2)
8
11
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com