Electronic Components Datasheet Search
  English  ▼

X  

ML4903 Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # ML4903
Description  High Current Synchronous Buck Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4903 Datasheet(HTML) 9 Page - Micro Linear Corporation

Back Button ML4903 Datasheet HTML 4Page - Micro Linear Corporation ML4903 Datasheet HTML 5Page - Micro Linear Corporation ML4903 Datasheet HTML 6Page - Micro Linear Corporation ML4903 Datasheet HTML 7Page - Micro Linear Corporation ML4903 Datasheet HTML 8Page - Micro Linear Corporation ML4903 Datasheet HTML 9Page - Micro Linear Corporation ML4903 Datasheet HTML 10Page - Micro Linear Corporation ML4903 Datasheet HTML 11Page - Micro Linear Corporation ML4903 Datasheet HTML 12Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ML4903
9
DESIGN CONSIDERATIONS (Continued)
Given a –80mV trip point for the overcurrent comparator,
the value required for the sense resistor can be found by:
R
mV
I
SENSE
OUT MAX
=
-
™
||
(.
)
()
107
125
(4)
The power handling requirement for RSENSE is given by:
PI
V
V
R
DOUT MAX
OUT
IN
SENSE
=´
-



 ´

!
"
$
##
()
2
1
(5)
For example, for a 14A output, RSENSE should be:
R
mV
A
mm
SENSE =
−
×
=≅
||
.
..
80
125 14
457
50
ΩΩ
The power dissapated in RSENSE for a 12.0V input remains
at approximately 1W for all output voltages from 1.80V to
3.50V.
RSENSE must be a low inductance part, such as Dale/
Vishay’s type WSL-2512 series (WSL–2512–.005±1%).
Using a PCB trace as a current sense element is not
recommended due to the high temperature coefficient of
copper, and due to etching and plating tolerances which
can occur from board to board.
If a current sense resistor is not employed for overcurrent
protection, the voltage drop across (Q3||Q4)’s channel
during its conducting interval (the synchronous
rectification interval) is used to monitor the inductor
current. Ignoring the AC component of the current in the
buck inductor, the voltage across (Q3||Q4) will be:
VI
R
SENSE
QQ
DS ON QQ
=™
34
3
4
||
||
16
0516
(6)
RDS(ON) is typically specified at a MOSFET junction
temperature (Tj) of 25ºC, but its value at other junction
temperatures can either be found graphically in the
MOSFET data sheet, or can be estimated by:
RR
T
C
DS ON T
DS ON
C
()(
)
()(
º )
.
º
225
1007
2 25
=™
™
-
05 (7)
With a threshold of -80mV for the ISENSE comparator, the
current limit threshold is then:
I
mV
R
LIMIT
DS ON T
=
-107
2
()(
)
(8)
For Pentium Pro and Pentium II applications, the
continuous current may be as high as 14A, so the current
limit threshold should be set for a minimum value of 16A
at the (Q3||Q4)’s highest anticipated TJ. If necessary, the
voltage across the channel of (Q3||Q4) may be divided
using two moderately-valued resistors and presented after
that division to the ML4903.
The R and C values connected to the PROTECT pin for
setting the current limit delay and the off-time of the
hiccup mode are 1M
W and 220nF, respectively. These
values will protect the external power components and
the power source from overheating during an overcurrent
condition. If it is necessary to change the ratio of on and
off times during overcurrent conditions, this can be done
by selecting a different value for C12. Larger values of
C12 will increase the delay between retry attempts (the
length of the “hiccup”), and smaller values will reduce
the delay.
HIGHER CURRENT LEVELS
Next generation processor chips will require currents of up
to 20A. Additionally, it is often desirable in larger
systems to distribute all power at one elevated voltage,
such as 12V, regulating it down to other voltages as
needed at the points of use. These applications are
readily met by the ML4903. For instance, the circuit
shown in Figure 1 will deliver an output current of 20A
with only three changes:
• As IOUT increases, the ripple current through the input
capacitor bank will also increase. Add at least one
820µF, 16V input capacitor in parallel with the three
shown (C1 - C3).
• Synchronous rectifier transistors Q3 and Q4 will see a
significantly greater RMS drain current at 20A output
than at 14A. Therefore, the use of lower RDS(ON) parts
such as Siliconix’ Si4420DY is required.
• The value of R1 may require adjustment, depending
upon factors such as the specific MOSFET type chosen
for Q3 and Q4, and the required operating ambient
temperature.
In dealing with circuits handling greater than 50W, it is
always important to pay attention to thermal issues.
When the circuit of Figure 1 is modified for >20A
applicatons, a key consideration is that it be provided
with adequate heatsinking. Ideally, the system should
provide 100 linear feet per minute (LFM) of airflow as
specified in Intel’s standards relating to VRMs. Micro
Linear does not recommend using the sense resistor
method of overcurrent protection at high output current
levels, as this does not provide the inherent thermal
foldback of IOUT(MAX) which is obtained by directly
sensing the VDS(ON) of the rectifier MOSFETs.
LAYOUT ISSUES
The two pins of the ML4903 which actually sense the
current limit voltage are ISENSE and GND. To facilitate
the required low-level sensing of the voltage between
these pins, there is no connection inside the ML4903
between GND and PWR GND. Because of this, there must
be an external connection between the ML4903 GND and
PWR GND pins. PWR GND must have a low impedance
connection to the ground plane used on the board, as high
instantaneous currents will flow in PWR GND when N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com