Electronic Components Datasheet Search
  English  ▼

X  

ML4903CT Datasheet(PDF) 11 Page - Micro Linear Corporation

Part # ML4903CT
Description  High Current Synchronous Buck Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4903CT Datasheet(HTML) 11 Page - Micro Linear Corporation

Back Button ML4903CT Datasheet HTML 4Page - Micro Linear Corporation ML4903CT Datasheet HTML 5Page - Micro Linear Corporation ML4903CT Datasheet HTML 6Page - Micro Linear Corporation ML4903CT Datasheet HTML 7Page - Micro Linear Corporation ML4903CT Datasheet HTML 8Page - Micro Linear Corporation ML4903CT Datasheet HTML 9Page - Micro Linear Corporation ML4903CT Datasheet HTML 10Page - Micro Linear Corporation ML4903CT Datasheet HTML 11Page - Micro Linear Corporation ML4903CT Datasheet HTML 12Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ML4903
11
of the ML4903, and the VDD bypass capacitors C10 and
C15 serve this purpose. The VDD bypass capacitors should
be returned to PWR GND or to the PC board ground
plane. They should not be returned to GND due to high
transient currents which could interfere with the current
sensing function.
VCC is the input to the 5V undervoltage lockout
comparator circuitry. The 5V UVLO function makes the
start-up of the ML4903 independent of power sequencing.
It also provides load protection in case VCC should go
below acceptable levels. To reject logic switching noise
on the 5V input, an RC filter should be used between the
5V source and VCC. Typical values for this filter are R2 =
1k
W, and C11 = 220nf.
Optional capacitor C16 may be needed in some layouts
to filter out “glitches” which could occur on the PWR
GOOD signal. In conjunction with the resistive pullup for
the PWR GOOD line, its value should yield an RC
product of approximately 5µs.
Power MOSFETs in 8-pin SOIC packages are among the
best for this application, especially for the P-channel
devices. Using P-channel MOSFETs minimizes
component count while ensuring full enhancement of
both the P-channel and N-channel MOSFETs. If 8-pin
SOIC MOSFETs are chosen, keep in mind that the
thermal dissipation capability of these parts is largely
dictated by the copper area available to their drains. A
good layout will maximize this area.
DESIGN CONSIDERATIONS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com