Electronic Components Datasheet Search
  English  ▼

X  

809-200 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 809-200
Description  Locking Ratchet Type Receptacle Cover
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

809-200 Datasheet(HTML) 1 Page - Glenair, Inc.

  809-200 Datasheet HTML 1Page - Glenair, Inc. 809-200 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
X-72
© 2014 Glenair, Inc.
Series 80 Mighty Mouse
U.S. CAGE Code 06324
Printed in U.S.A.
Dimensions in Inches (millimeters) are subject to change without notice.
X
Series 805 Mighty Mouse Triple-Start
Locking Ratchet Type Receptacle Cover
809-200 Ordering Information
Protect Connectors From Damage
Machined aluminum or stainless steel
protective covers have fluorosilicone
gasket for a watertight fit.
Stainless Steel Fittings and Rings
Choose small diameter eye fittings
for panel attachment. Larger rings fit
under the jam nut or over cable jackets.
Split rings can be installed on fully
assembled cables.
Polyurethane-Coated SST Wire Rope
provide resistance and good flexibility.
Or, choose a Teflon® jacket for high
temperature exposure.
Braided Nylon Rope provides excellent
flexibility and good abrasion resistance,
and can be ordered with slip knot
fittings for easy installation on any size
cable.
How To Order
Sample Part Number
809-200
-M
-S
12
04
-6
Series (See Table I)
809-200 = Receptacle Cover
Shell Material / Finish
C = Aluminum / Black Anodize
(Non-Conductive) RoHS Compliant
M = Aluminum / Electroless Nickel
RoHS Compliant
NF = Aluminum / Cadmium with Olive
Drab Chromate
ZN = Aluminum / Zinc-Nickel with
Olive Drab Chromate
Z1 = Stainless Steel / Passivated RoHS
Compliant
ZB = Stainless Steel / Olive Drab
Chromate over Cadmium
ZC = Stainless Steel / Zinc Cobalt Alloy/
Black Chromate
ZNU = Aluminum / Black over
Electroless Nickel
Attachment Type
-G = Nylon Rope
-H = SST Wire Rope, Teflon® Jacket
-N = No Attachment
-S = SST Sash Chain
-SK = Nylon Rope with Slip Knot
-T = SST Wire Rope, No Jacket
-U = SST Wire Rope, Polyurethane Jacket
“SST” = Stainless Steel
Shell Size (See Table III)
8, 9, 10, 11, 12, 13, 15, 18, 19, 21, 23
Attachment Code
(See Table II)
Small Ring = 01 thru 06
Large Ring = 14 thru 33
Split Ring = 50 thru 68
Attachment Length (inches)
Omit for attachment Type N (No Attachment) Example
“-6” equals six inch length
Table I: Cover Style
809-200
Receptacle Cover
Table II: Attachment Code
Omit for attachment types N (No Attachment)
and SK (Slip Knot)
Small Ring
01 – .125 (3.2) I.D.
02 – .140 (3.6) I.D.
04 – .182 (4.6) I.D.
06 – .197 (5.0) I.D.
Large Ring
16 – .570 (14.5) I.D.
18 – .695 (17.7) I.D.
27 – .766 (19.46) I.D.
31 – .820 (20.83) I.D.
19 – .885 (22.5) I.D.
28 – 1.015 (25.78) I.D.
22 – 1.210 (30.7) I.D.
23 – 1.275 (32.4) I.D.
30 – 1.380 (35.05) I.D.
25 – 1.530 (38.86) I.D.
Split Ring
50 – .432 (11.0) I.D.
52 – .492 (12.5) I.D.
54 – .648 (16.5) I.D.
56 – .757 (19.2) I.D.
58 – .898 (22.8) I.D.
60 – 1.023 (26.0) I.D.
64 – 1.137 (28.9) I.D.
68 – 1.357 (34.5) I.D.


Similar Part No. - 809-200

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
809-213 GLENAIR-809-213 Datasheet
227Kb / 2P
Dummy Stowage Plug for 804 Connectors
More results

Similar Description - 809-200

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-40-006-5401 HARTING-09-40-006-5401 Datasheet
475Kb / 2P
Han 6HPR Cover Toggle Locking Protection cover
09-40-006-5404 HARTING-09-40-006-5404 Datasheet
642Kb / 2P
Han 6HPR hood cover toggle locking Protection cover
09-40-006-5411 HARTING-09-40-006-5411 Datasheet
475Kb / 2P
Han 6HPR Cover Screw Locking Protection cover
09-40-006-5414 HARTING-09-40-006-5414 Datasheet
515Kb / 2P
Han 6HPR hood cover screw locking Protection cover
09-40-010-5401 HARTING-09-40-010-5401 Datasheet
475Kb / 2P
Han 10 HPR Cover Toggle Locking
09-40-010-5411 HARTING-09-40-010-5411 Datasheet
475Kb / 2P
Han 10 HPR Cover Screw Locking
09-40-010-5414 HARTING-09-40-010-5414 Datasheet
518Kb / 2P
Han 10HPR hood cover screw locking
09-40-016-5404 HARTING-09-40-016-5404 Datasheet
674Kb / 2P
Han 16HPR hood cover toggle locking
09-40-016-0503 HARTING-09-40-016-0503 Datasheet
439Kb / 2P
Han 16HPR hood cover toggle locking
09-40-016-5411 HARTING-09-40-016-5411 Datasheet
475Kb / 2P
Han 16 HPR Cover Screw Locking
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com