Electronic Components Datasheet Search
  English  ▼

X  

809B060 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 809B060
Description  Backshells and Accessories
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

809B060 Datasheet(HTML) 1 Page - Glenair, Inc.

  809B060 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
X-6
© 2014 Glenair, Inc.
Series 80 Mighty Mouse
U.S. CAGE Code 06324
Printed in U.S.A.
Dimensions in Inches (millimeters) are subject to change without notice.
X
Series 80 Mighty Mouse
Backshells and Accessories
809B060, 809SL060 and 809SU060 Shrink Boots
Lipped straight long tail shrink boots- Type I high performance elastomer
Boot
Size
Shell Size
Part Number
Series 800, 801, 802,
803, 804
Series 805
Pre-Coated with W1 Hi-Temp
Hot-Melt Adhesive
1
5/6
8
809SL060-1
2
7
9
809SL060-2
3
8/9
10/11
809SL060-3
4
10/11/12/13
12/15
809SL060-4
Boot Size
Shell Size
Part Number
Series
801, 804, 805
Pre-Coated with
W2 Hot-Melt Adhesive
1
7, 8
809SU060-1
Lipped straight USB shrink boots- Type 9 low-temp flexible polyolefin
ƒ
-40° C to +100° C
ƒ
Same excellent physical
properties within a limited
temperature range.
Lipped 45° angle shrink boots- Type 2 Zero halogen
ƒ
Low Smoke, Zero Halogen
ƒ
Meets U.S. and E.U. toxicity
requirements.
ƒ
-75° C to +165° C
ƒ
Excellent resistance to fuels,
oils, solvents and heat.
Boot
Size
Shell Size
Part Number
Series 800, 801, 802,
803, 804
Series 805
Pre-Coated with W1 Hi-Temp
Hot-Melt Adhesive
1
5/6
8
809B060-1H
2
7
9
809B060-2H
3
8, 9
10, 11
809B060-3H
4
10, 11, 12, 13
12, 15
809B060-4H
5
14, 15, 16, 17
18, 19
809B060-5H
6
19, 21
23
809B060-6H
Lipped straight long tail shrink boots- Type 2 zero halogen
Boot
Size
Shell Size
Part Number
Series 800, 801, 802,
803, 804
Series 805
Pre-Coated with W1 Hi-Temp
Hot-Melt Adhesive
1
5/6
8
809SL060-1H
2
7
9
809SL060-2H
3
8/9
10/11
809SL060-3H
4
10/11/12/13
12/15
809SL060-4H
ƒ
Low Smoke, Zero Halogen
ƒ
Meets U.S. and E.U. toxicity
requirements.


Similar Part No. - 809B060

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
809-001 GLENAIR-809-001 Datasheet
322Kb / 7P
Contacts and Tools Crimp Contacts
809-001 GLENAIR-809-001 Datasheet
137Kb / 1P
Electrical Pin Contact
809-002 GLENAIR-809-002 Datasheet
322Kb / 7P
Contacts and Tools Crimp Contacts
809-002 GLENAIR-809-002 Datasheet
131Kb / 1P
Electrical Socket Contact
logo
Dialight Corporation
809-0331-500 DIALIGHT-809-0331-500 Datasheet
792Kb / 3P
PRESS-TO-TEST INDICATORS
More results

Similar Description - 809B060

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M28840-6-16WB GLENAIR-M28840-6-16WB Datasheet
76Kb / 1P
Environmental Backshells
M85049-11-1 GLENAIR-M85049-11-1 Datasheet
86Kb / 4P
Environmental Backshells
380MS137M0501-5N GLENAIR-380MS137M0501-5N Datasheet
389Kb / 2P
Backshells, Boots and Clamps
370MS038C0501-5N GLENAIR-370MS038C0501-5N Datasheet
389Kb / 2P
Backshells, Boots and Clamps
390MS077M0501-5N GLENAIR-390MS077M0501-5N Datasheet
403Kb / 2P
Backshells, Boots and Clamps
340MS026CG05-401-6 GLENAIR-340MS026CG05-401-6 Datasheet
417Kb / 2P
Backshells, Boots and Clamps
809-035 GLENAIR-809-035 Datasheet
171Kb / 1P
Backshells and Accessories
809-094 GLENAIR-809-094 Datasheet
182Kb / 1P
Backshells and Accessories
logo
C&K Components
D-SUB CK-COMPONENTS-D-SUB Datasheet
3Mb / 31P
Lightweight Backshells and Haloring
logo
Glenair, Inc.
A0000032348-1 GLENAIR-A0000032348-1 Datasheet
369Kb / 2P
Backshells and accessories Series 77 heatshrink boots
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com