Electronic Components Datasheet Search
  English  ▼

X  

ML6401CS-3 Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML6401CS-3
Description  8-Bit 20 MSPS A/D Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6401CS-3 Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML6401CS-3 Datasheet HTML 2Page - Micro Linear Corporation ML6401CS-3 Datasheet HTML 3Page - Micro Linear Corporation ML6401CS-3 Datasheet HTML 4Page - Micro Linear Corporation ML6401CS-3 Datasheet HTML 5Page - Micro Linear Corporation ML6401CS-3 Datasheet HTML 6Page - Micro Linear Corporation ML6401CS-3 Datasheet HTML 7Page - Micro Linear Corporation ML6401CS-3 Datasheet HTML 8Page - Micro Linear Corporation ML6401CS-3 Datasheet HTML 9Page - Micro Linear Corporation ML6401CS-3 Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
ML6401
Note:
Circuit in dashed lines is an optional 1175 input
network which can be replaced with circuits in
Figure 1 or 2.
CLK
VDDO
D7
D6
D5
D4
D3
D2
D1
D0
GNDO
OE
VDDD
VDDA
VDDA
VRTS
VRT
VDDA
VIN+
GNDA
GNDA
VRBS
VRB
GNDD
12
11
10
9
8
7
6
5
4
3
2
1
13
14
15
16
17
18
19
20
21
22
23
24
1175 PINOUT
+5V
HC04
CLOCK IN
CLK
C10
0.1
µF
C4
0.1
µF
C3
47
µF
C1
470
µF
C6
47
µF
C9
47
µF
+
+
+
+
R10
75
Ω
C11
0.1
µF
C12
0.1
µF
C7
47
µF
C2
10
µF
C13
10pF
C8
0.1
µF
+12V
R8
100
Ω
R9
5k
Ω
R4
1k
Ω
R1
120
Ω
R2
180
Ω
R7*
5k
Ω
POT
R5
2k
Ω
R3
500
Ω
C5
0.1
µF
Q3
Q2
Q1
VIN
–12V
*POT R7 WILL HAVE TO BE ADJUSTED
LSB
MSB
+
+
3. CXD1175 — Connect VRBS to VRB and leave VRTS
open while driving VRT with an external voltage. This
allows similar functionality to #2 preceding, but the
bias voltage (code 0) will move when the full scale
range is changed.
ML6401 — Open pin 16, drive pin 17 externally, and
connect pin 22 to pin 23. The full scale range will be
2
× pin 17 volts, and the bias (code 128) will occur at
1.5 volts (internally generated from bandgap). The full
scale range of the A/D must be kept below 4 volts, but
the part is only specified for full scale range of 2 volts.
Figure 3. Replacement for 1175.
4. CXD1175 — Connect VRTS to VRT and leave VRBS
open while driving VRB with an external voltage. This
allows similar functionality to #2 preceding, but the
bias voltage (code 0) will move when the full scale
range is changed.
ML6401 — Connect pin 16 to pin 17, open pin 22 and
drive pin 23 externally. The full scale range will be 2
volts (internally generated from bandgap), and the bias
(code 128) will occur at pin 23
±2% volts.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com