Electronic Components Datasheet Search
  English  ▼

X  

ML6428 Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML6428
Description  S-Video Filter and 75廓 Line Drivers with Summed Composite Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6428 Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML6428 Datasheet HTML 3Page - Micro Linear Corporation ML6428 Datasheet HTML 4Page - Micro Linear Corporation ML6428 Datasheet HTML 5Page - Micro Linear Corporation ML6428 Datasheet HTML 6Page - Micro Linear Corporation ML6428 Datasheet HTML 7Page - Micro Linear Corporation ML6428 Datasheet HTML 8Page - Micro Linear Corporation ML6428 Datasheet HTML 9Page - Micro Linear Corporation ML6428 Datasheet HTML 10Page - Micro Linear Corporation ML6428 Datasheet HTML 11Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ML6428
7
DATASHEET
June, 2000
PERFORMANCE DATA
Figure 1. Passband Flatness
All outputs. (Normalized) Passband is ripple-free.
Figure 2. Passband/Stopband Rejection Ratios
All outputs. (Normalized)
Figure 4. DC Restore Performance of Luma Output
Luma ramp test pattern is shown to have minimal tilt
during vertical sync.
In most applications, the ML6428's input coupling
capacitors are 0.1µF. The Y input sinks 1.6µA during
active video, which tilts a horizontal line by 2mV at the
Y output
90
70
50
30
10
15
9
11
37
48
10
26
FREQUENCY (MHz)
1
0
–1
–2
–3
–4
FREQUENCY (MHz)
0
0.1
1
10
20
0
–20
–40
–60
–80
FREQUENCY (MHz)
0.01
0.1
1
100
10
SCALE: 200ms/DIV
REGION OF TILT
Figure 3. Group Delay, all Outputs
Low frequency group delay is 62ns. At 3.58MHz group
delay increases by only 4ns. At 4.43MHz group delay
increases by only 7ns. The maximum deviation from flat
group delay of 12ns occurs at 6MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com