Electronic Components Datasheet Search
  English  ▼

X  

ML6429 Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML6429
Description  75廓 Quad Video Cable Drivers and Filters with Switchable Inputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6429 Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML6429 Datasheet HTML 2Page - Micro Linear Corporation ML6429 Datasheet HTML 3Page - Micro Linear Corporation ML6429 Datasheet HTML 4Page - Micro Linear Corporation ML6429 Datasheet HTML 5Page - Micro Linear Corporation ML6429 Datasheet HTML 6Page - Micro Linear Corporation ML6429 Datasheet HTML 7Page - Micro Linear Corporation ML6429 Datasheet HTML 8Page - Micro Linear Corporation ML6429 Datasheet HTML 9Page - Micro Linear Corporation ML6429 Datasheet HTML 10Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ML6429
6
FUNCTIONAL DESCRIPTION
The ML6429 is a quad monolithic continuous time analog
video filter designed for reconstructing signals from four
video D/A sources. The ML6429 is intended for use in AC
coupled input and output applications.
The filters approximate a 4th-order Butterworth
characteristic with an optimization toward low overshoot
and flat group delay. All outputs are capable of driving
2VP-P into AC coupled 150W video loads, with up to 35pF
of load capacitance at the output pin. Likewise, they are
capable of driving a 75
W load at 1VP-P.
All channels are clamped during sync to establish the
appropriate output voltage swing range. Thus the input
coupling capacitors do not behave according to the
conventional RC time constant. Clamping for all channels
settles within 10ms of a change in video sources.
Input coupling capacitors of 0.1µF are reccommended for
all channels. During sync, a feedback error amplifier
sources/sinks current to restore the DC level. The net result
is that the average input current is zero. Any change in the
input coupling capacitors value will linearly affect the
clamp response times.
The RGB channels have no pulldown current sources and
are essentially tilt-free. The CV channel's inputs sink less
than 1µA during active video, resulting in a tilt of less than
1mV for a 220 µF. Up to 1000µF recommended to reude
tilt for TV applications.
SWAP MULTIPLEXER CONTROL
Output pins CVOUT1/YOUTA and CVOUT2/YOUTB are each
independently selectable between three input sources
(CVINF, and CVINUA, CVINUB) depending on the digital
inputs SWAP CVF, SWAP CVU, and A/B MUX. This allows
the two outputs to remain independent and pass straight
through, to remain independent but swapped, or for both
outputs to have the same signal sourcing from either CVINF
or CVINFA, CVINUB (See Table 1). If SWAP CVF is forced
to logic low, then CVOUT2/YOUTB sources from CVINUA/
Y2, CVINUB/Y3. If SWAP CVU is logic low, CVOUT1/
YOUTA outputs video from the CVINUA, CVINUB input. If
SWAP CVF is logic high, CVOUT2/YOUTB outputs from
CVINF/Y1 input. If SWAP CVU is high, CVOUT1/YOUTA
outputs from CVINUA/Y2 or CVINUB/Y3. Both SWAP CVF
and SWAP CVU will pull low if they are not driven.
The ML6429 is robust and stable under all stated load and
input conditions. Bypassing both VCC pins directly to
ground ensures this performance. Two ML6429’s can be
connected in a master-slave sync configuration. When
using this configuration, only the “master” ML6429 is
required to have a signal with embedded sync present on
the CVINUA, CVINUB input. In the absence of sync on the
CVINUA or CVINUB input of the “slave” ML6429, the
“slave” IC will have its SYNC IN input connected to the
SYNC OUT output of the “master” ML6429.
SYNCIN AND SYNCOUT PINS
Each ML6429 has two sync detectors which control the
DC restore functions. The filtered channel has its own
detector, which controls the DC restore function during
the horizontal sync period of the CVINF/Y1 input. The
other sync detector controls the DC restore functions for
the filtered channels based upon the composite or luma
input at the CVINUA/Y2 or CVINUB/Y3 pins.
Required Setup: A composite or luma or green signal
must be present on CVINUA/Y2 or CVINUB/Y3 inputs to
provide necessary sync signals to other channels
(R,G,B,Y,C). Otherwise, sync must be provided at the
SYNCIN pin. For RGB applications, the green channel
with sync can be used as an input to CVINUA/Y2 or
CVINUB/Y3.
The SYNCOUT pin outputs a logic high when it detects
the horizontal sync of either the CVINUA/Y2 or CVINUB/Y3
input (note that one input is selected by the A/B MUX pin).
The SYNCIN pin is an input for an external H-sync logic
signal to enable or disable the internal DC restore loop for
the filtered channels. When SYNCIN is logic high, the DC
restore function is enabled.
For normal operation, the SYNCOUT pin is connected to
the SYNCIN pin (see Figure 4). If the CVINUdoes not have
an embedded sync, an external sync can be applied on
the SYNCIN pin. In master-slave configurations, the
SYNCOUT of a ML6429 master can be used as the
SYNCIN of a ML6429 slave.
VIDEO I/O DESCRIPTION
Each input is driven by either a low impedance source or
the output of a 75
W terminated line. The input is required
to be AC coupled via a 0.1µF coupling capacitor which
gives a nominal clamping time of 10ms. All outputs are
capable of driving an AC coupled 150
W load at 2VP-P or
1VP-P into a 75W load. At the output pin, up to 35pF of
load capacitance can be driven without stability or slew
issues. A 220µF AC coupling capacitor is recommended at
the output to reduce power consumption.
ANALOG MULTIPLEXER CONTROL
The four filter channels each have two input multiplexers
which are paired to select between two four-channel
video sources (
i.e., composite video plus RGB component
video).
If A/B MUX is forced to logic high, it will select Bank<A>
of video inputs (CVINUA/Y2, RINA/Y4, GINA/Y6, BINA/C1)
to be enabled. If A/B MUX is logic low, then Bank<B> of
video inputs (CVINUB/Y3, RINB/Y5,GINB/Y7, BINB/C2) will
be selected. If the A/B MUX is open, it will pull to logic
high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com