Electronic Components Datasheet Search
  English  ▼

X  

ML6460 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML6460
Description  NTSC Video Encoder with Macrovision
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6460 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML6460 Datasheet HTML 1Page - Micro Linear Corporation ML6460 Datasheet HTML 2Page - Micro Linear Corporation ML6460 Datasheet HTML 3Page - Micro Linear Corporation ML6460 Datasheet HTML 4Page - Micro Linear Corporation ML6460 Datasheet HTML 5Page - Micro Linear Corporation ML6460 Datasheet HTML 6Page - Micro Linear Corporation ML6460 Datasheet HTML 7Page - Micro Linear Corporation ML6460 Datasheet HTML 8Page - Micro Linear Corporation ML6460 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
GENERAL DESCRIPTION
The ML6460 is a multi-standard CCIR656 (4:2:2) video
(input) composite and S-video (outputs) encoder for NTSC
systems. It is designed to provide a low cost, single-chip
output interface for a variety of video applications
including set-top decoders, DVD players, and other YCrCb
to Y/C equipment.
The ML6460 accepts 8-bit YCrCb video in either CCIR656
or Square Pixel format and generates analog Y, C and CV
waveforms complete with Macrovision® copy protection
technology and Closed Caption encoding.
The ML6460 includes output analog reconstruction filters,
phase equalizer, and 6dB (2X gain) drivers. Gain scaling,
sync, and Y+C mixing are performed at the output of the
relevant 10-bit DAC, eliminating the gain mapping stages
that require additional DAC bits. The result is Y SNR and
granularity remain precisely the same as the source.
The ML6460 supports both master and slave timing
operations. S-Video and multiple composite signals can
be driven simultaneously into 75
Ω loads.
BLOCK DIAGRAM
FEATURES
s
Macrovision® copy protection technology
s
Closed Caption VBI encoder for line 21 and 284
s
Handles SAV/EAV codes for CCIR656 Video
s
Single clock input: 27MHz CCIR656, 24.54MHz Sq. Pix.
s
Color subcarrier correction for overlay applications
s
Onboard analog 7th-order reconstruction filters and 6dB
drivers with differential gain/phase of 0.5%/0.5º
s
Y, C, CV outputs drive both AC or DC coupled loads
s
Multiple 75
Ω line drivers for two composite outputs,
channel modulator, and S-Video
s
2-wire serial control bus, or selectable presets for stand-
alone operation
s
Handles Japanese NTSC signals
February 1999
PRELIMINARY
ML6460
CCIR656 NTSC Video Encoder with Macrovision®
YCRCB0
21
YCRCB1
20
YCRCB2
19
YCRCB3
18
YCRCB4
17
YCRCB5
13
YCRCB6
12
HSYNC
10
SCLK
22
SDATA
23
YCRCB7
11
7
DVCC1
8
DGNDI
15
DGND2
PRESET1
5
FIELD
PHERR
14
DVCC2
2
AGND1
1
AVCC1
24
AGND2
25
AVCC2
VSYNC
9
YOUT
27
CVOUT
26
6dB
6dB
DELAY
COMPEN-
SATION
LUMA
BLANKING
TIMING
GENERATOR
(SAV/EAV)
MACROVISION® COPY PROTECTION
TECHNOLOGY
CLOSED
CAPTIONING
BURST
INSERTION
COLOR
SPACE
CONVERTER
CHROMA
BANDLIMIT
FILTER
CHROMA
BLANKING
PHASE
ACCUMULATOR
SUBCARRIER
GENERATION
LUMA
RECONSTRUCTION
FILTER
(FIR)
10 BIT
UP
SAMPLER
UP
SAMPLER
REFERENCE
GENERATOR
CHROMA
RECONSTRUCTION
FILTER
(FIR)
YDAC
Σ
+
Σ
+
CDAC
7th ORDER
ANALOG
FILTER
WITH
GROUP DELAY
EQUALIZATION
7th ORDER
ANALOG
FILTER
WITH
GROUP DELAY
EQUALIZATION
MULTIPLYING
ACCUMULATOR
NEGATIVE
SYNC DAC
POSITIVE
SYNC DAC
6dB
COUT
28
8
4
PRESET0
3
6
OVERLAY
INTERFACE
SERIAL
INTERFACE
16
CLK


Similar Part No. - ML6460

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6461 MICRO-LINEAR-ML6461 Datasheet
334Kb / 30P
CCIR656 NTSC Video Encoder
ML6461CS MICRO-LINEAR-ML6461CS Datasheet
334Kb / 30P
CCIR656 NTSC Video Encoder
More results

Similar Description - ML6460

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMP8170 INTERSIL-HMP8170 Datasheet
232Kb / 33P
NTSC/PAL Video Encoder
May 1999
HMP8190 INTERSIL-HMP8190 Datasheet
227Kb / 32P
NTSC/PAL Video Encoder
May 1999
logo
Micro Linear Corporatio...
ML6461 MICRO-LINEAR-ML6461 Datasheet
334Kb / 30P
CCIR656 NTSC Video Encoder
logo
Texas Instruments
TVP5146PFP TI-TVP5146PFP Datasheet
651Kb / 100P
NTSC/PAL SECAM 4X10 BIT DIGITAL VIDEO DECODER WITH MACROVISION
TVP5040 TI-TVP5040 Datasheet
495Kb / 106P
NTSC/PAL Digital Video Decoder With Macrovision Detection
logo
Intersil Corporation
HMP8170 INTERSIL-HMP8170_03 Datasheet
632Kb / 33P
NTSC/PAL Video Encoder
September 2003
logo
Zoran Corporation
CVE2 ZORAN-CVE2 Datasheet
228Kb / 2P
NTSC/PAL Video Encoder
logo
Texas Instruments
TVP5145 TI1-TVP5145 Datasheet
754Kb / 94P
NTSC/PAL/SECAM/Component Digital Video Decoder With Macrovision??Detection
logo
Motorola, Inc
MC44722 MOTOROLA-MC44722 Datasheet
433Kb / 35P
NTSC Digital Video Encoder
logo
Renesas Technology Corp
HMP8170 RENESAS-HMP8170 Datasheet
1Mb / 33P
NTSC/PAL Video Encoder
Sep 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com