Electronic Components Datasheet Search
  English  ▼

X  

PE4553 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4553
Description  MCX Plug Right Angle Connector Crimp-Solder Attachment For RG174, RG316, RG188
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4553 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4553 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4553 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4553 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
MCX Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
Configuration
Connector
MCX Plug
Connector Specification
CECC 22220
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 3
Impedance, Ohms
50
Maximum VSWR
1.35:1
Maximum Operating Voltage, Volts
250
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +60
Size
Length, in [mm]
0.54 [13.72]
Width/Dia., in [mm]
0.197 [5.00]
Height, in [mm]
0.339 [8.61]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
MCX Plug
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
06/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information includ-
ing price, inventory and certifications: MCX Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316,
RG188 PE4553
PE4553
PE4553 REV 1.1
MCX Plug Right Angle Connector Crimp/Solder
Attachment For RG174, RG316, RG188


Similar Part No. - PE4553

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4553 PASTERNACK-PE4553 Datasheet
376Kb / 3P
MCX Plug Right Angle Connector Crimp/Solder Attachment
PE4553 PASTERNACK-PE4553_16 Datasheet
376Kb / 3P
MCX Plug Right Angle Connector Crimp/Solder Attachment
More results

Similar Description - PE4553

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44308 PASTERNACK-PE44308 Datasheet
300Kb / 2P
MC-Card Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4551 PASTERNACK-PE4551 Datasheet
261Kb / 2P
MCX Plug Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4051 PASTERNACK-PE4051 Datasheet
285Kb / 3P
SMC Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44371 PASTERNACK-PE44371 Datasheet
204Kb / 2P
RP MCX Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4898 PASTERNACK-PE4898 Datasheet
281Kb / 3P
MMCX Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44249 PASTERNACK-PE44249 Datasheet
271Kb / 2P
1.0/2.3 Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4562 PASTERNACK-PE4562 Datasheet
356Kb / 3P
MCX Jack Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE44369 PASTERNACK-PE44369 Datasheet
221Kb / 3P
RP MCX Plug Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4052 PASTERNACK-PE4052 Datasheet
282Kb / 3P
SMB Plug Right Angle Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4334 PASTERNACK-PE4334 Datasheet
269Kb / 2P
SSMB Plug Right Angle Connector Crimp - Solder Attachment For RG174, RG179, RG316, RG188
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com