Electronic Components Datasheet Search
  English  ▼

X  

PE4562 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4562
Description  MCX Jack Connector Crimp-Solder Attachment For RG174, RG316, RG188
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4562 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4562 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4562 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4562 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
MCX Jack
Connector Specification
MIL-C-39012
Connector Interface Type
RG174, RG316, RG188
Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Temperature
Operating Range
-65 to +165 deg C
Size
Length
0.66 in [16.76 mm]
Width/Dia.
0.21 in [5.33 mm]
.
Weight
0.006 lbs [2.72 g]
Connector
Type
MCX Jack
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MCX Jack Connector Crimp/Solder Attachment For RG174, RG316, RG188 PE4562
PE4562
PE4562 REV 1.1
MCX Jack Connector Crimp/Solder Attachment
For RG174, RG316, RG188


Similar Part No. - PE4562

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4562 PASTERNACK-PE4562 Datasheet
354Kb / 3P
MCX Jack Connector Crimp/Solder Attachment
PE4562 PASTERNACK-PE4562_16 Datasheet
354Kb / 3P
MCX Jack Connector Crimp/Solder Attachment
More results

Similar Description - PE4562

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4094 PASTERNACK-PE4094 Datasheet
258Kb / 2P
SMC Jack Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4551 PASTERNACK-PE4551 Datasheet
261Kb / 2P
MCX Plug Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4096 PASTERNACK-PE4096 Datasheet
291Kb / 2P
SMB Jack Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4097 PASTERNACK-PE4097 Datasheet
271Kb / 3P
SMB Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44371 PASTERNACK-PE44371 Datasheet
204Kb / 2P
RP MCX Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44373 PASTERNACK-PE44373 Datasheet
205Kb / 2P
RP MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE44148 PASTERNACK-PE44148 Datasheet
204Kb / 2P
FME Jack Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4553 PASTERNACK-PE4553 Datasheet
295Kb / 3P
MCX Plug Right Angle Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE44369 PASTERNACK-PE44369 Datasheet
221Kb / 3P
RP MCX Plug Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4901 PASTERNACK-PE4901 Datasheet
241Kb / 2P
MMCX Jack Connector Crimp-Solder Attachment For RG174, RG316, RG188
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com