Electronic Components Datasheet Search
  English  ▼

X  

PE4806 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4806
Description  D-Sub Receptacle Contact Solder Attachment For RG178, RG196
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4806 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4806 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4806 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
D-Sub Receptacle Contact Solder Attachment For RG178, RG196
Configuration
Connector
D-Sub Receptacle
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.94 [23.88]
Width/Dia., in [mm]
0.22 [5.59]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
D-Sub Receptacle
Contact Material and Plating
Gold
Outer Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
D-Sub Receptacle Contact Solder Attachment For RG178, RG196 from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: D-Sub Receptacle Contact Solder Attachment For RG178, RG196 PE4806
URL: http://www.pasternack.com/d-sub-receptacle-standard-rg178-rg196-connector-pe4806-p.aspx
PE4806
PE4806 REV 01
D-Sub Receptacle Contact Solder Attachment For RG178, RG196


Similar Part No. - PE4806

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4800 PASTERNACK-PE4800 Datasheet
204Kb / 2P
D-Sub Receptacle Contact Crimp/Solder Attachment For RG58,RG141,RG303
PE4801 PASTERNACK-PE4801 Datasheet
203Kb / 2P
D-Sub Receptacle Contact Crimp/Solder Attachment For RG174, RG316, RG187, RG188
PE48010 PASTERNACK-PE48010 Datasheet
295Kb / 3P
SMB Jack Bulkhead Mount Connector Crimp Attachment for LMR-100, PE-B100, PE-C100, 0.100 Inch cable
A
PE48012 PASTERNACK-PE48012 Datasheet
287Kb / 3P
SMB Jack Connector Crimp Attachment for PEC195, PE-P195, LMR-195, 0.195 Inch Cable
A
PE48013 PASTERNACK-PE48013 Datasheet
282Kb / 3P
SMB Jack Right Angle Connector Crimp Attachment for LMR-100, PE-B100, PE-C100, 0.100 Inch Cable
A
More results

Similar Description - PE4806

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4822 PASTERNACK-PE4822 Datasheet
249Kb / 2P
D-Sub Receptacle Right Angle Contact Solder Attachment For RG178, RG196
PE4830 PASTERNACK-PE4830 Datasheet
247Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment For RG178, RG196
PE4213 PASTERNACK-PE4213 Datasheet
103Kb / 1P
SMA MALE SOLDER ATTACHMENT FOR RG178 & RG196
PE4814 PASTERNACK-PE4814 Datasheet
93Kb / 1P
D-Subminature PLUG RIGHT ANGLE SOLDER ATTACHMENT FOR RG178& RG196
PE44404 PASTERNACK-PE44404 Datasheet
111Kb / 1P
SSMA FEMALE SOLDER ATTACHMENT FOR RG178 &RG196
PE4802 PASTERNACK-PE4802 Datasheet
204Kb / 2P
D-Sub Receptacle Contact Crimp/Solder Attachment For RG178, RG196
PE4818 PASTERNACK-PE4818 Datasheet
204Kb / 2P
D-Sub Receptacle Right Angle Contact Crimp Solder Attachment For RG178, RG196
PE4826 PASTERNACK-PE4826 Datasheet
202Kb / 2P
D-Sub Plug Right Angle Contact Crimp/ Solder Attachment For RG178, RG196
PE4810 PASTERNACK-PE4810 Datasheet
203Kb / 2P
D-Sub Plug Contact Crimp-Solder Attachment For RG178, RG196
PE4592 PASTERNACK-PE4592 Datasheet
97Kb / 1P
SMA FEMALE SOLDER ATTACHMENT FOR RG178 & RG196
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com