Electronic Components Datasheet Search
  English  ▼

X  

PE4810 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4810
Description  D-Sub Plug Contact Crimp-Solder Attachment For RG178, RG196
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4810 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4810 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4810 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
D-Sub Plug Contact Crimp/Solder Attachment For RG178, RG196
Configuration
Connector
D-Sub Plug
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.935 [23.75]
Width/Dia., in [mm]
0.22 [5.59]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
D-Sub Plug
Contact Material and Plating
Gold
Outer Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
D-Sub Plug Contact Crimp/Solder Attachment For RG178, RG196 from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: D-Sub Plug Contact Crimp/Solder Attachment For RG178, RG196 PE4810
URL: http://www.pasternack.com/d-sub-plug-standard-rg178-rg196-connector-pe4810-p.aspx
PE4810
PE4810 REV 01
D-Sub Plug Contact Crimp/Solder Attachment For RG178, RG196


Similar Part No. - PE4810

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4811 PASTERNACK-PE4811 Datasheet
94Kb / 1P
PASTERNACK ENTERPRISES
PE4812 PASTERNACK-PE4812 Datasheet
95Kb / 1P
PASTERNACK ENTERPRISES
PE4813 PASTERNACK-PE4813 Datasheet
97Kb / 1P
PASTERNACK ENTERPRISES
PE4814 PASTERNACK-PE4814 Datasheet
93Kb / 1P
D-Subminature PLUG RIGHT ANGLE SOLDER ATTACHMENT FOR RG178& RG196
PE4815 PASTERNACK-PE4815 Datasheet
249Kb / 2P
D-Sub Plug Contact Solder Attachment For RG180, RG195
More results

Similar Description - PE4810

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4074 PASTERNACK-PE4074 Datasheet
304Kb / 2P
SMC Plug Connector Crimp/Solder Attachment For RG178, RG196
PE4830 PASTERNACK-PE4830 Datasheet
247Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment For RG178, RG196
PE4897 PASTERNACK-PE4897 Datasheet
306Kb / 3P
MMCX Plug Connector Crimp/Solder Attachment For RG178, RG196
PE4080 PASTERNACK-PE4080 Datasheet
305Kb / 2P
SMB Plug Connector Crimp/Solder Attachment For RG178, RG196
PE4802 PASTERNACK-PE4802 Datasheet
204Kb / 2P
D-Sub Receptacle Contact Crimp/Solder Attachment For RG178, RG196
PE4818 PASTERNACK-PE4818 Datasheet
204Kb / 2P
D-Sub Receptacle Right Angle Contact Crimp Solder Attachment For RG178, RG196
PE4826 PASTERNACK-PE4826 Datasheet
202Kb / 2P
D-Sub Plug Right Angle Contact Crimp/ Solder Attachment For RG178, RG196
PE4552 PASTERNACK-PE4552 Datasheet
221Kb / 3P
MCX Plug Connector Crimp-Solder Attachment For RG178, RG196
PE4806 PASTERNACK-PE4806 Datasheet
204Kb / 2P
D-Sub Receptacle Contact Solder Attachment For RG178, RG196
PE4019 PASTERNACK-PE4019 Datasheet
221Kb / 3P
SSMB Plug Connector Crimp - Solder Attachment For RG178, RG196
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com